Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM201S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM201S
Description  200 WATT AC-DC OPEN FRAME WITH PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM201S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM201S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM201S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM201S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V16
2
Specifications
CFM201S Series Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …....………........….......................................... 90~264Vac
Input current …………………………… 100Vac/3A max., 240Vac/1.5A max.
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current …………… Cold Start@25℃ ........... 100A max. @240Vac
EMI …………………………………………………..…… CISPR/FCC Class B
Leakage Current …………………………………………….…..… 3.5mA max.
OUTPUT SPECIFICATIONS:
Isolation ……….....................……… Input to Output = 3000VAC(4,242VDC)
Hold-up Time …………………………………………...… 10ms typ@115Vac
Over Voltage Protection ………………...…… Hiccup mode(Auto Recovery)
Short Circuit Protection ………………..…….. Hiccup mode(Auto Recovery)
Temperature Coefficient …………………………………………… ±0.05%/℃
GENERAL SPECIFICATIONS:
Operating Temperature ................................. -20~80℃ (see derating curve)
Storage Temperature .................................................................... -20~85℃
Over Temperature Protection ………….………………….…. Auto Recovery
Humidity ……………….……………….… 93% RH max. non-condensing
Altitude ………..……………………………………………..………..... 2000m
Cooling ………............................… Natural convection for 150W and forced
air convection(19CFM FAN) for 200W
NOTE:
Switching Frequency ………………………........................ 80~100KHz typ.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
MTBF ……… MIL-HDBK-217F, GB, 25℃/115VAC ……….… 120Khrs typ.
ripple &noise measuring @20MHz BW.
Dimensions
2. Voltage accuracy is set at 60% rated load and 25℃.Ta.
Open frame versions …… 5.000x3.000x1.441 inches (127.00x76.20x36.60mm)
3. Line regulation is measured from high line to low line with rated load.
Covered versions ……...... 5.354x3.465x1.929 inches (136.00x88.00x49.00mm)
4. Load regulation is measured from full to 10% load.
Weight ………………… Open frame versions 400g, Covered versions 500g
5. Typical efficiency at 230 VAC and full load at 25°C.
SAFETY AND EMC:
6. Standard input and output connectors (CN1 and CN2) wafer with
Emission and lmmunity …........ EN55022 Class B, FCC Part15 Class B
TAIWAN KING PIN TERMINAL PVHI series and mate with JST
EN61000-6-3, EN61000-3-2, EN61000-3-3
housing VHR series or equivalent.
EN55024, EN61000-6-1, EN61204-3
7. Optional Input and output connectors (CN1 and CN2) wafer with
Safety ……….………….. IEC60950-1, EN60950-1, UL60950-1 2nd edition
LONG CHU P3060 series and mate with MOLEX housing 5195 series
or equivalent.
8. Output connector CN3(Remote voltage sense) mates with MOLEX
housing 5051 or equivalent.
9. Output connector CN4(Fan output) mates with MOLEX housing 5051
or equivalent.
10. For covered versions add “C” to model number or order part no.
For example CFM201S120 –C, safety approvals do not the covered
assembly, only to the open-frame power supply.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com