Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM150S360 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM150S360
Description  AC-DC POWER SUPPLY WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM150S360 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM150S360 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM150S360 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.cincon.com/
REVISION: August.20, 2019 V10
2
Specifications
CFM150S Series Derating Curve
INPUT SPECIFICATIONS:
Voltage ………………..…………………………………………… 90~264Vac
Frequency …………………………………………………………… 47 to 63Hz
Inrush Current ……………………… Cold start @25℃100A max. @240Vac
Input Current …………………………… 100Vac/2A max., 240Vac/0.8Amax.
Leakage Current ….................................................................... 100uA max.
OUTPUT SPECIFICATIONS:
Holdup Time ………………………………… 25ms typ.20ms min. @115Vac
Short Circuit Protection ………………….….. Hiccup Mode (Auto Recover)
Over Voltage Protection ………………..……………………………….. Latch
Temperature Coefficient …………………….............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation …………………………………………. Input to output = 3000VAC
Operating Temperature ………….………… -30 ~ 80℃ (see derating curve)
- 40 ℃ c a n
b e
S t a r t - Up
Storage Temperature ………………………………………………. -40 ~ 85℃
Humidity ……………………………………… 93% RH max. Non condensing
Switching Frequency ………………………………………… 115 KHz Typical
MTBF………. MIL-HDBK-217F, GB, 25℃/115VAC ………... 350Khrs min.
Altitude …………………………………………………………………… 5000m
Life
Time ……………………………… 26000 hours min.@ 75% load ,40℃
Dimensions ……………… 4.00x2.00x1.283 Inches (101.6x50.8x32.6mm)
-B 4.598x2.00x1.362 Inches (116.8x50.8x34.6mm)
Weight ………………………………………………….. CFM150SXXX 200g
CFM150SXXX-B
240g
SAFETY AND EMC:
NOTE:
Emission and Immunity ... EN55032 Class B, FCC Part 15 Class B (NOTE 7)
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
EN61000-3-2, EN61000-3-3, EN61000-6-3, EN61000-6-4
ripple& noise measuring @20MHz BW.
Immunity ………..…... EN55024, EN61204-3, EN61000-6-1, EN61000-6-2
2. Voltage accuracy is set at full load.
Safety ………………………..……... Class I & Class II , IEC/EN/UL62368-1
3. Line regulation is measured from 100Vac to 240Vac with full load.
4. Load regulation is measured from 10% to 100% full load.
5. Typical efficiency at 230 VAC and full load at 25°C.
6. Standard input and output connectors (CN1 and CN2) wafer with
TAIWAN KING PIN TERMINAL PVHI series and mate with JST housing
VHR series or equivalent.
7. Class I: Radiation & Conduction Class B
Class II: Radiation Class A ; Conduction Class B
Mechanical Specification
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches[mm]
Millimeters:X.XX±0.5
4.000[101.60]
3.700[93.98]
0.150[3.81]
2
1
3
4
5
6
7
8
LED
VR
PE
PE
4.598[116.80]
4.300[109.22]
0.149[3.79]
Pin
Function
ACL
1
ACN
V-
2
3
V-
4
5
6
V-
V+
7
8
V+
V+
PE
2
1
3
5
6
7
8
4
LED
VR
CFM150SXXX
CFM150SXXX-B
Typical at 25℃, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com