Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT1024AFVLHPR Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MWCT1024AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1024AFVLHPR Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MWCT1024AFVLHPR Datasheet HTML 20Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 21Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 22Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 23Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 24Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 25Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 26Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 27Page - NXP Semiconductors MWCT1024AFVLHPR Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Single input comparator
(EXTAL WAVE)
Mux
ref_clk
Differential input comparator
(HG/LP mode)
Peak detector
LP mode
Driver
(HG/LP mode)
Pull down resistor (OFF)
ESD PAD
280 ohms
ESD PAD
40 ohms
EXTAL pin
XTAL pin
Series resistor for current
limitation
Crystal or resonator
C1
C2
1M ohms Feedback Resistor
Figure 7. Oscillator connections scheme
Table 15. External System Oscillator electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
gmXOSC
Crystal oscillator transconductance
4-8 MHz
2.2
—
13.7
mA/V
8-40 MHz
16
—
47
mA/V
VIL
Input low voltage — EXTAL pin in external clock mode
VSS
—
0.35 * VDD
V
VIH
Input high voltage — EXTAL pin in external clock
mode
0.7 * VDD
—
VDD
V
C1
EXTAL load capacitance
—
—
—
1
C2
XTAL load capacitance
—
—
—
1
RF
Feedback resistor
2
Low-gain mode (HGO=0)
—
—
—
MΩ
Table continues on the next page...
Clock interface modules
MWCT101XS Data Sheet, Rev. 3, 12/2019
24
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com