Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS682 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SN74LS682
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS682 Datasheet(HTML) 5 Page - ON Semiconductor

  SN74LS682 Datasheet HTML 1Page - ON Semiconductor SN74LS682 Datasheet HTML 2Page - ON Semiconductor SN74LS682 Datasheet HTML 3Page - ON Semiconductor SN74LS682 Datasheet HTML 4Page - ON Semiconductor SN74LS682 Datasheet HTML 5Page - ON Semiconductor SN74LS682 Datasheet HTML 6Page - ON Semiconductor SN74LS682 Datasheet HTML 7Page - ON Semiconductor SN74LS682 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS682 SN74LS684 SN74LS688
http://onsemi.com
5
AC CHARACTERISTICS (TA = 25°C)
SN74LS682
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
13
15
25
25
ns
tPLH
tPHL
Propagation Delay, Q to P = Q
14
15
25
25
ns
VCC = 5.0 V
CL =45 pF
tPLH
tPHL
Propagation Delay, P to P > Q
20
15
30
30
ns
CL = 45 F
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P > Q
21
19
30
30
ns
SN74LS684
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
15
17
25
25
ns
tPLH
tPHL
Propagation Delay, Q to P = Q
16
15
25
25
ns
VCC = 5.0 V
CL =45 pF
tPLH
tPHL
Propagation Delay, P to P > Q
22
17
30
30
ns
CL = 45 F
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P > Q
24
20
30
30
ns
SN74LS688
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
12
17
18
23
ns
tPLH
tPHL
Propagation Delay, Q to P = Q
12
17
18
23
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, G , G1 to P = Q
12
13
18
20
ns
RL
667
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com