Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV103C Datasheet(PDF) 1 Page - GREEGOO Electric Co.,Ltd

Part # CMV103C
Description  CMV Micro Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

CMV103C Datasheet(HTML) 1 Page - GREEGOO Electric Co.,Ltd

  CMV103C Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd CMV103C Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Greegoo Electric 7.2007
Limit Switchs
CMV Micro Switch
外观和尺寸 Appearance and Dimension
CMV 10
0
D
型号说明 Model Designations
① ②
项目 Item
代号 Code
说明 Description
① 额定电流
Rated Current
10
16
21
10A
16A
21A
②头部及传动杆
Head and driving rod
0
1
2
3
4
5
6
按钮型 Button type
长柄型 Long handle type
短柄型 Short shank type
长滑轮型 Long pulley type
短滑轮型 Short pulley type
加长柄型 Longer handle type
曲柄型 Crank type
③端子规格
Terminal specifications
C
D
#250型端子 #250 terminal
#187型端子 #187 terminal
额定值 Ratings
特性 Characteristics
型式 Type
项目 Item
CMV 10型
CMV 16型
CMV 21型
操作速度 Operation speed
0.1mm~1m/s(按钮型 Button type)
动作频率 Operating frequency
机械 Mechanical:240 operations/min
电气 Electrical:20 operations/min
绝缘电阻 Insulation resistance
100MΩ以上(在500VDC以下) 100mΩ above(at 500VDC)
接点电阻 Contact resistance
15mmΩ以下(初期) 15mΩmax. (initial value)
耐电压
Withstand
voltage
非连续端子间
Non-continuous terminals
1,000VAC, 50/60Hz持续1分钟
载电流和无载电流
零件间,端子和接
地之间
current-carrying and
non-current-carrying
metal parts, Between
terminal and earthing
1,500VAC,
50/60Hz
持续1分钟
2,000VAC, 50/60Hz
持续1分钟
振动
Vibration
误动作 Misoperation
10至55Hz, 1.5mm双振幅
10 to 55Hz,1.5mm pairs swing
冲击
Shock
耐久 Durable
最大1,000m/S2(约100G)
误动作 Misoperation
最大200m/S2
(约100G)
最大300m/S2(约100G)
寿命 Life
机械的 Mechanical
1000万次以上
电气的 Electrical
30万次以上
10万次以上
使用周围温度 Temperature
-10~+65℃(但不结冰)
使用周围湿度 Humidity
85%RH以下(+5~+35℃)
250VAC
8VDC
30VDC
125VDC
250VDC
250VAC
8VDC
30VDC
125VDC
250VDC
250VAC
8VDC
30VDC
125VDC
250VDC
10A
16A
21A
NC
NO
NC
NO
10
10
6
0.3
0.3
16
16
10
0.6
0.3
21
21
14
0.6
0.3
1.5
3
3
0.1
0.05
2
4
4
0.1
0.05
3
5
5
0.1
0.05
NC
NO
NC
NO
6
6
6
0.6
0.3
10
10
10
0.6
0.3
12
12
12
0.6
0.3
2
3
3
0.1
0.05
3
6
4
0.1
0.05
4
7
5
0.1
0.05
24
以下
max.
40
以下
max.
50
以下
max.
突入
电流(A)
Inrush
Current
NC NO
额定
电压
Rated
voltage
Item
Spec.
项目
规格
非电感性负载
Noninductive Load (A)
电感性负载
Inductive Load (A)
电阻性负载
Resistance Load
灯泡负载
Lamp Load
电感性负载
Inductive Load
马达负载
Motor Load
CMV101D
CMV101C
CMV100D
CMV100C


Similar Part No. - CMV103C

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMV1030 CALMIRCO-CMV1030 Datasheet
168Kb / 10P
MICROPOWER PRO OPERATIONAL AMPLIFIER
CMV1030YR CALMIRCO-CMV1030YR Datasheet
168Kb / 10P
MICROPOWER PRO OPERATIONAL AMPLIFIER
CMV1036 CALMIRCO-CMV1036 Datasheet
341Kb / 12P
MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
CMV1036YR CALMIRCO-CMV1036YR Datasheet
341Kb / 12P
MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - CMV103C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
High CMV, High Performance Isolation Amplifiers
logo
PIC GmbH
HSR-004 PIC-HSR-004 Datasheet
26Kb / 1P
Micro Reed Switch
HSR-0035RT PIC-HSR-0035RT Datasheet
26Kb / 1P
Micro Reed Switch
logo
OEN India Limited
22-001 OENINDIA-22-001 Datasheet
462Kb / 1P
MICRO SWITCH
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
High CMV, High Performance Isolation Amplifiers
logo
ALPS ELECTRIC CO.,LTD.
SSCT ALPS-SSCT_15 Datasheet
879Kb / 3P
Micro Switch Type
logo
PIC GmbH
HSR-0025RT PIC-HSR-0025RT Datasheet
88Kb / 1P
Micro Reed Switch
logo
GREEGOO Electric Co.,Lt...
CZ-7121 GREEGOO-CZ-7121 Datasheet
1Mb / 2P
CZ Micro Switch
logo
Festo Corporation.
30648 FESTO-30648 Datasheet
91Kb / 1P
Micro switch
30649 FESTO-30649 Datasheet
71Kb / 1P
Micro switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com