Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD1024ZA2 Datasheet(PDF) 2 Page - GREEGOO Electric Co.,Ltd

Part # GD1024ZA2
Description  GD 10 to 40 Amps AC SSR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

GD1024ZA2 Datasheet(HTML) 2 Page - GREEGOO Electric Co.,Ltd

  GD1024ZA2 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd GD1024ZA2 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
2
Homepage://www.greegoo.com E-mail:peter@greegoo.com
Solid State Relays
GD 10 to 40 Amps AC SSR
Tel: +86 577 62776000 Fax: +86 577 62776006
Specifications
Dimension
Parameter-list
Input Parameter
D1
D3
A2
Control Voltage Range
4 to 16Vdc
3 to 32Vdc
90 to 250Vac
Input Current(Max.)
7/20mAdc
@=5V/12V
13/16mAdc
@=5V/12V
30mAac
@=220V
Must Turn On Voltage
4Vdc
3Vdc
90Vac
Must Turn Off Voltage
1Vdc
1Vdc
10Vac
Reverse Voltage (Max.)
32Vdc
32Vdc
/
Specification Limits
Output Parameter
Units
Model No.:GD
Amp
10
25
40
Load Current Range
Arms
0.05 to 10 0.05 to 25 0.05 to 40
Surge Current 20mSec(Max.)
Arms
85
230
400
Load Voltage Range(240V)
Vrms
TRIAC Over voltage(240V)
Vpk
Load Voltage Range(440V)
Vrms
TRIAC Over voltage(440V)
Vpk
Thermal Resistance,(Rthjc)
°C/w
2.5
1.3
1.1
Frequency Range
Hz
Off State dv/dt (Min.)
V/µsec
Off State Leakage Current(Max.) mArms
On State Voltage Drop(Max.)
Vrms
Turn On Time (Max.)"Z"
Cycle
Turn On Time (Max.)"R"
mSec
Turn Off Time (Max.)
Cycle
Turn Off Time (Max.)"A2"
mSec
Dielectric (Input/Output)
Vrms
Dielectric (Input-Output/Base)
Vrms
Capacitance
pf
Ambient Temperature Range
Weight (Typical)
Base Plate
Case Color
Led Display
1/2
Specification Limits
24 to 280
600
44 to 440
800
47 to 63
8
200
1.6
1/2
1
Copper, nikel-plated
Black
Yes
40
2500
2500
10
Operating or Storage -30°C to +80°C
145g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com