Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM8401 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CEM8401
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CEM8401 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CEM8401 Datasheet HTML 1Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 2Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 3Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 4Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 5Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 6Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 7Page - List of Unclassifed Manufacturers CEM8401 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CEM8401
P-Channel
5-196
5
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250 A
Figure 19. Gate Charge
Qg, Total Gate Charge (nC)
10
8
6
4
2
0
08
16
24
32
VDS=-15V
ID=-4.2A
Figure 20. Maximum Safe
Operating Area
-VDS, Drain-Source Voltage (V)
-IDS, Drain-Source Current (A)
with Drain Current
Figure 17. Transconductance Variation
16
12
8
4
20
0
04
8
12
16
VDS=-15V
Figure 18. Body Diode Forward Voltage
Variation with Source Current
-VSD, Body Diode Forward Voltage (V)
20
10
0.1
1
0.4
0.6
0.8
1.2
1.0
VGS=0V
10
10
-1
10
10
1
0
1
10
-2
10
0
10
1
10
-1
10
s
1ms
TA=25 C
Single Pulse
Tj=150 C
RD
S(ON)
Limi
t
DC
10
0ms
1s
10
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com