Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU024N Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # LU024N
Description  N-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

LU024N Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  LU024N Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd LU024N Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd LU024N Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd LU024N Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd LU024N Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd LU024N Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd LU024N Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Drain to Source Voltage vs. ID
Transfer Characteristics
Transconductance
0
05
10
15
20
50
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS =4 V
VGS = 10 V thru 5V
0
1
2
3
4
5
0
1
2
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0
45
90
135
180
0
6
12
18
24
30
ID - Drain Current (A)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
On-Resistance vs. Drain Current
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
0.020
0.030
0.040
0.050
0.070
0
20
40
60
80
100
VGS =10V
VGS =4.5 V
ID - Drain Current (A)
0.020
0.030
0.040
0.050
0.060
0.070
246
8
10
TJ = 25 °C
TJ = 150 °C
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0
10203040
50
ID =10A
VDS =30V
VDS =
V
VDS =48V
Qg - Total Gate Charge (nC)
24
3
4
5
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
LU024N
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com