Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA100S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDA100S
Description  100W SINGLE OUTPUT LED POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDA100S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDA100S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDA100S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
LDA100 Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage …………..….…………..…………………..……….….. 90~305VAC
Frequency …….…….…..…………………………....…………… 47~63Hz
Inrush Current ….......................... Cold start@25
100A max. @240Vac
℃
Leakage Current …………………….…..………………….… 0.75mA max.
Power Factor …………. .PF>0.98/115VAC, PF>0.93/230VAC @ full load
Input Current ……..……………. 1.2A typ. @115Vac/0.55A typ. @230Vac
0.5A typ. @277Vac
OUTPUT SPECIFICATIONS:
Holdup Time ………………………..…………………. 12ms typ. @115Vac
Short Circuit Protection ……..………………...…………..… Auto Recovery
Over Voltage Protection ………………….....… Recycle AC input to restart
Over Current Limit (note6) …………………..…….. Constant Current mode
Over Temperature Protection ………………..…...………….……… Yes
Startup time (note9) …………………..……….…………………… 0.5s max.
Temperature Coefficient ……..……………………………..…... ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation Voltage ………………………………..… Input to output = 3750VAC
Isolation Resistance ……………………….….………………... 100MΩ min.
Operating Temperature ……………….…. -40 ~ 70
(see Drating Curve)
℃
Storage Temperature ……………………….……………………... -40~85℃
NOTE:
Humidity ………….………………………… 20 ~ 95% RH Non condensing
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output
Cooling ………………………………………………….. Natural Convection
for Ripple & Noise measuring @20MHz BW with 95% Rated current.
Switching Frequency …………………………….….…………… 65kHZ typ.
2. Voltage accuracy is set of 90% rated current.
MTBF ……… MIL-HDBK-217F, GB, 25℃ .…………………… 180Khrs typ.
3. Line regulation is measured from high line to low Line with 90% rated current.
Vibration..……….15~2000Hz 4G period for 60min,each along X Y Z axes
4. Load regulation is measured from 90% to 10% Rated current.
Altitude ………………….....…..……………………………………… 2000m
5. Efficiency is measured 95% rated power at Vin=230VAC.
Dimensions ……………….... 210x58x35mm (8.268x2.283x1.378Inches)
6. Less than 50% (typ.) of the rated output voltage will enter hiccup mode.
Weight …………………….....…..………………………………750g Typical
7. Output Constant Current Accuracy ±5%.
SAFETY AND EMC:
8. No load power consumption<0.5W for LDA100SXXX-01.
Emission and Immunity ……….... EN61547, EN55015, CISPR22 Class B
No load power consumption<1.5W for LDA100SXXX--03, 04.
EN61000-3-2, EN61000-3-3, EN61000-4-2,3,4,5,6.8,11
Stand by power consumption<0.5W for LDA100SXXX-03, 04,.
Harmonic Current ……………..………. EN61000-3-2 Class C(>50% load)
9. Startup interval must be greater than 3 seconds.
Surge ………………..……………..…………….…………….………….. 4KV
10. LDA100SXXX-03 UL only.
Safety (note10) .…………….. UL8750,EN61347-1,EN61347-2-13 EN62384
Mechanical Specification
DIM-(White) 18AWG
Vo+(Red) 18AWG
Vo-(Black) 18AWG
ACL(Brown)
ACN(Blue)
FG
(Green/Yellow)
Dimming wire(optional)
8.323 [211.40]
11.811(300.00)±0.787(20.00)
1.575 [40.00]±0.197[5.00]
7.378 [187.40]
0.472 [12.00]
0.295 [7.50]
11.811[300.00]±0.787[20.00]
1.575[40.00]±0.197[5.00]
7.732 [196.40]
SJTW
SJTW 18AWG
DIM+(Blue) 18AWG
TC
All Dimensions In Inches[mm]
Tolerance
Inches:x.xxx = ± 0.02
Millimeters:x.xx = ± 0.5
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
1~10V Dimming function for output current curve:
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
DIM(V)<1V,the output will be shut down
Typical curve
Derating curve:
0
25
50
75
100
-40 -30 -20 -10
0
10
20
30
40
50
60
70
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com