Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLR-63-20-R-P-A-K11-R8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # CLR-63-20-R-P-A-K11-R8
Description  Swing clamp cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CLR-63-20-R-P-A-K11-R8 Datasheet(HTML) 1 Page - Festo Corporation.

  CLR-63-20-R-P-A-K11-R8 Datasheet HTML 1Page - Festo Corporation. CLR-63-20-R-P-A-K11-R8 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Swing clamp cylinder
CLR-63-20-R-P-A-K11-R8
Part number: 535505
Data sheet
Feature
Value
Complete stroke
43 mm
Piston diameter
63 mm
Piston rod thread
M10
Swivel angle
90 deg +/- 2 deg
Clamping stroke
20 mm
Type code
CLR
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Design
Piston rod
Piston
Cylinder barrel
Position sensing
For proximity sensor
Swivel direction
Right
Symbol
00991217
Variants
Welding splatter protection
Dust protection
Operating pressure
2 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-10 °C ... 80 °C
Effective clamping force at 2 bar
441 N
Effective clamping force at 4 bar
823 N
Effective clamping force at 6 bar
1386 N
Max. clamping finger screw tightening torque
47 Nm
Theoretical clamping force at 6 bar
1682 N
Product weight
2100 g
Type of mounting
With through-hole
Optionally:
With accessories
With internal thread
Pneumatic connection
G1/8
Scraper material
PPS
Flange screws material
Steel
Galvanized
Cover material
Coated
Wrought aluminum alloy
11/24/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - CLR-63-20-R-P-A-K11-R8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CLR-63-20-R-P-A FESTO-CLR-63-20-R-P-A Datasheet
80Kb / 2P
Swing clamp cylinder
More results

Similar Description - CLR-63-20-R-P-A-K11-R8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CLR-16-20-L-P-A FESTO-CLR-16-20-L-P-A Datasheet
101Kb / 2P
Swing clamp cylinder
CLR-25-10-L-P-A-K11-R8 FESTO-CLR-25-10-L-P-A-K11-R8 Datasheet
103Kb / 2P
Swing clamp cylinder
CLR-32-10-L-P-A-B FESTO-CLR-32-10-L-P-A-B Datasheet
80Kb / 2P
Swing clamp cylinder
CLR-32-20-L-P-A-B-K11-R8 FESTO-CLR-32-20-L-P-A-B-K11-R8 Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-40-20-G-P-A-K11-R8 FESTO-CLR-40-20-G-P-A-K11-R8 Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-40-20-R-P-A-K11-R8 FESTO-CLR-40-20-R-P-A-K11-R8 Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-50-50-L-P-A FESTO-CLR-50-50-L-P-A Datasheet
79Kb / 2P
Swing clamp cylinder
CLR-63-20-G-P-A FESTO-CLR-63-20-G-P-A Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-63-50-G-P-A FESTO-CLR-63-50-G-P-A Datasheet
81Kb / 2P
Swing clamp cylinder
CLR-63-50-R-P-A FESTO-CLR-63-50-R-P-A Datasheet
80Kb / 2P
Swing clamp cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com