Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR4101 Datasheet(PDF) 9 Page - PREMA Semiconductor.

Part # PR4101
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101 Datasheet(HTML) 9 Page - PREMA Semiconductor.

Back Button PR4101 Datasheet HTML 5Page - PREMA Semiconductor. PR4101 Datasheet HTML 6Page - PREMA Semiconductor. PR4101 Datasheet HTML 7Page - PREMA Semiconductor. PR4101 Datasheet HTML 8Page - PREMA Semiconductor. PR4101 Datasheet HTML 9Page - PREMA Semiconductor. PR4101 Datasheet HTML 10Page - PREMA Semiconductor. PR4101 Datasheet HTML 11Page - PREMA Semiconductor. PR4101 Datasheet HTML 12Page - PREMA Semiconductor. PR4101 Datasheet HTML 13Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LED Driver PR4101
Examples for varying LED applications
TYPICAL APPLICATION WITH 12 VAC SUPPLY
The following circuit drives three LEDs in series from a 12...24 VAC supply. LED and driver are supplied
from the full-wave rectified and smoothed voltage. Ideally, after the full-wave rectifier, Vcc is VAC x 1.41,
which is sufficient to drive three LEDs in series from VAC = 12 V. Ripples on the supply should be small
enough to avoid a period in which the voltage becomes lower than the LED forward voltage, or below the
undervoltage shut-off (see specification of VDI).
The undervoltage detection pin VDI is connected to Vcc.
With RSENSE = (0.47/2) Ω as in the diagram, the LED current is approx. 850 mA. For other currents see
below Selection of RSENSE.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 9/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com