Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG110-RPE14NVLF Datasheet(PDF) 1 Page - HALO Electronics, Inc.

Part # TG110-RPE14NVLF
Description  SMD 48-Pin Dual Port Gig or Quad Port 10/100BASE-TX PoE/PoE Isolation Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

TG110-RPE14NVLF Datasheet(HTML) 1 Page - HALO Electronics, Inc.

  TG110-RPE14NVLF Datasheet HTML 1Page - HALO Electronics, Inc. TG110-RPE14NVLF Datasheet HTML 2Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual GigE PoE/PoE+ Transformer
SMD 48-Pin Dual Port Gig or Quad Port 10/100BASE-TX PoE/PoE+ Isolation Modules
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
Gigabit Ethernet PoE/PoE+ Transformer
IEEE802.3ab/af/at Compliant
UL/EN60950 Recognized
100% Electrical Testing
1500Vrms Hi-Pot
Patented Open Frame Construction
Temp.
Return Loss (min)
Part Number
Circuit Package
Range
PoE 1-40MHz 60MHz
80MHz 100MHz
RoHS1
TG110-RPE14NVLF
A
NV
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG110-RPE14NVRL
A
NV
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
RoHS (7a)
TG110-RPE15NVLF
B
NV
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG110-RPE15NVRL
B
NV
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
RoHS (7a)
TG110-RPE17NV6LF
A
NV6
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG110-RPE17NV6RL
A
NV6
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
RoHS (7a)
TG111-RPE41NV6LF
C
NV6
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG111-RPE41NV6RL
C
NV6
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
RoHS (7a)
TG1G-RP33NV6LF
D
NV6
0 to 70°C
PoE
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG1G-RPE33NV6LF
D
NV6
-40 to +85°C PoE
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG111-HP3NV6LF
D
NV6
0 to 70°C
PoE+
-18dB
-14dB
-12dB
-10dB
Pb-Free
TG111-HPE3NV6LF
D
NV6
-40 to +85°C PoE+
-18dB
-14dB
-12dB
-10dB
Pb-Free
RoHS
Compliant
Conflict
FREE
ü
Notes:
1. Pb-Free parts are RoHS 6/6 compliant. RoHS (7a) parts contain lead per exemption 7a which is set to expire July 2016.
2. Parts with RL suffix are not recommended for new designs.
3. Please contact the factory or your local representative for individual datasheets or additional information.
4. For the smallest dual port Gigabit or quad port 10/100BASE-TX PoE transformers contact the factory about the 50 pin package.


Similar Part No. - TG110-RPE14NVLF

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG110-RPE5N5LF HALO-TG110-RPE5N5LF Datasheet
402Kb / 2P
SMD Single Port 10/100BASE-TX PoE/PoE Isolation Modules
TG110-RPE5N5RL HALO-TG110-RPE5N5RL Datasheet
402Kb / 2P
SMD Single Port 10/100BASE-TX PoE/PoE Isolation Modules
More results

Similar Description - TG110-RPE14NVLF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1036L PULSE-H1036L Datasheet
190Kb / 5P
10/100BASE-TX QUAD PORT TRANSFORMER MODULES
logo
TALEMA Group. LLC
TEQ-200A-J TALEMA-TEQ-200A-J Datasheet
149Kb / 3P
Quad Port SMD 10/100Base-T Isolation Transformer Modules
logo
XFMRS Inc.
XFATM8Q3B XFMRS-XFATM8Q3B Datasheet
80Kb / 1P
Dual Port 10/100BASE-TX Modules
XFATM8Q3B XFMRS-XFATM8Q3B Datasheet
80Kb / 1P
Dual Port 10/100BASE-TX Modules
logo
Pulse A Technitrol Comp...
H1053NLT PULSE-H1053NLT Datasheet
702Kb / 4P
10/100Base-TX Quad Port Transformer Modules
100B-4001 PULSE-100B-4001 Datasheet
330Kb / 2P
10/100BASE-TX Quad-Port Transformer Modules
100B-4005 PULSE-100B-4005 Datasheet
532Kb / 2P
10/100BASE-TX QUAD-PORT TRANSFORMER MODULES
logo
HALO Electronics, Inc.
TG110-AMX2NXLF HALO-TG110-AMX2NXLF Datasheet
477Kb / 2P
SMD Quad Port 10/100BASE-TX Isolation Modules
TG110-RP55N5LF HALO-TG110-RP55N5LF Datasheet
402Kb / 2P
SMD Single Port 10/100BASE-TX PoE/PoE Isolation Modules
TG111-S112NYLF HALO-TG111-S112NYLF Datasheet
398Kb / 2P
SMD Single Port Gig or Dual Port 10/100BASE-TX PoE/PoE Isolation Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com