Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5715R Datasheet(PDF) 4 Page - ams AG

Part # AS5715R
Description  Communication Mode (I2C)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5715R Datasheet(HTML) 4 Page - ams AG

  AS5715R Datasheet HTML 1Page - ams AG AS5715R Datasheet HTML 2Page - ams AG AS5715R Datasheet HTML 3Page - ams AG AS5715R Datasheet HTML 4Page - ams AG AS5715R Datasheet HTML 5Page - ams AG AS5715R Datasheet HTML 6Page - ams AG AS5715R Datasheet HTML 7Page - ams AG AS5715R Datasheet HTML 8Page - ams AG AS5715R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Document Feedback
Communication Interface
I²C Communication
Application Note
• PUBLIC
AN000710
• v1-00 • 2020-Jul-21
12
│ 4
2
I²C Communication
2.1
Activate Communication Interface
After powering up, the sensor is automatically in functional mode and the pin 11(SIN+/SDA) and
pin 9 (COS+/SCL) are driven as analog output.
For changing into I²C Communication mode, the rma procedure has to be executed.
CAUTION
rma procedure can only be done, when the OTP section is not burned
Figure 2:
rma Procedure
The rma procedure consists of particular time frames, which starts when the sensor notices an
overvoltage (OV Detection). Therefore, the supply voltage increases until the threshold voltage
(VCCOVTH_typ or VDD3V3OVTH_typ). When the sensor detects an overvoltage, the output goes into high-Z
after “OV Detection time”.
After 1
ms “waiting time” there is a “time window”, where the programmer can send the rma-pulses.
After this procedure and at normal voltage supply, the sensor reaches communication mode.
At overvoltage, the sensor is in “safe state” (for safety reasons the output goes into high-Z). First, the
supply voltage must decrease under the threshold voltage and its typical value, then the outputs/ I²C
are reactivate.
For detailed information
on “Overvoltage detection” see datasheet (AS5715R_DS000511_2-00),
chapter “Power Supply”.
rma procedure
time window (1ms)
Vsupply
SIN+/SDA
COS+/SCL
OV condition triggered
OV Detection time
Functional mode
communication mode
wait time (1ms)
communication mode
Functional mode
tSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com