Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLC780D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SPLC780D
Description  16COM/40SEG Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPLC780D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SPLC780D Datasheet HTML 17Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 18Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 19Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 20Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 21Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 22Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 23Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 24Page - List of Unclassifed Manufacturers SPLC780D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
SPLC780D
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
21
NOV. 04, 2004
Version: 1.2
6.15.2. The relationship between LCD frame
s frequency and oscillators frequency.
(Assume the oscillation frequency is 250KHz, 1 clock cycle time = 4.0
s)
6.15.2.1. 1/8 Duty, TYPE-B waveform
6.15.2.2. 1/11 Duty, TYPE-B waveform
6.15.2.3. 1/16 Duty, TYPE-B waveform
1 2
7 8 1 2
7 8 1 2
7 8 1 2
7 8
400 clocks
COM1
2
1 Frame
1 Frame
1 frame = 4(
s) x 400 x 8 = 12800(s) = 12.8ms
78.1(Hz)
12.8(ms)
1
frequency
Frame
VPP
V1
V4
VSS
V2(V3)
1 2
10 11 1 2
400 clocks
2
1 Frame
1 Frame
10 11 1 2
1 frame = 4(
s) x 400 x 11 = 17600(s) = 17.6ms
(Hz)
5
17.6(ms)
1
frequency
Frame
8
.
6
COM1
VPP
V1
V4
VSS
V2(V3)
1 2
15 16 1 2
200 clocks
VPP
V1
V4
VSS
COM1
2
1 Frame
1 Frame
15 16 1 2
1 frame = 4(
s) x 200 x 16 = 12800(s) = 12.8ms
78.1(Hz)
12.8(ms)
1
Frame frequency
V3
V2
Sunplus
Confidential
For
PARTMINER
Use
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com