Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

256B Datasheet(PDF) 20 Page - IBM

Part # 256B
Description  256b/257b Transcoding for 100 Gb/s Backplane and Copper Cable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

256B Datasheet(HTML) 20 Page - IBM

Back Button 256B Datasheet HTML 13Page - IBM 256B Datasheet HTML 14Page - IBM 256B Datasheet HTML 15Page - IBM 256B Datasheet HTML 16Page - IBM 256B Datasheet HTML 17Page - IBM 256B Datasheet HTML 18Page - IBM 256B Datasheet HTML 19Page - IBM 256B Datasheet HTML 20Page - IBM 256B Datasheet HTML 21Page - IBM  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
256b/257b Transcoding for 100 Gb/s Backplane and Copper Cable
20
IBM
Benefits of 256b/257b TC vs. 512b/514b TC
The granularity of 256b/257b TC simplifies processing of alignment markers because the total number
of 20 alignment markers is divisible by 4 (# of control/data blocks in 256b-based TC) but not by 8 (# of
control/data blocks in 512b-based TC): gustlin_01_0312.pdf
RS(528,514), t=7, m=10 code provides the same error-rate performance and the same coding gain of
4.87 dB in case of 256b/257b or 512b/514b TC scheme
5% to 7.5% reduction in overall latency associated with transcoding and FEC
15% reduction in total gate complexity
15% reduction in total power dissipation
FEC Code
RS(n, k, t, m)
Transcoding
(TC)
Effective Gain
for BER = 10-15
Overall
Latency *
Total Area
(40nm gates) *
Total
Power *
RS(528, 514, 7, 10)
256b/257b
4.87 dB
94.3 ns
244k
90 mW
RS(528, 514, 7, 10)
512b/514b
4.87 dB
99.4 ns
285k
105 mW
gustlin_01_0112.pdf and gustlin_01_0312.pdf
* Zhongfeng Wang computed overall latency, total gate complexity and power dissipation for a nominal design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com