Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMU3100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TMU3100
Description  The TMU3100 is an 8-bit microprocessor embedded device tailored to USB/PS2 Keyboard application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMU3100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TMU3100 Datasheet HTML 3Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 4Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 5Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 9Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 10Page - List of Unclassifed Manufacturers TMU3100 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS-TMU3100
7
tenx technology, inc.
Rev 1.4 2004/03/01
2. I/O Port
2.1 KSO[15:0]
These pins are used as keyboard scan outputs. They have at least 4mA drive and sink strength.
2.2 KSI[7:0]
These pins are used as keyboard scan inputs. Each one of them has a pull up resistor. In addition, each KSI
pin can cause Keyboard interrupt (KBDint) if the corresponding interrupt mask bit (KBDmask) is 0. The
KBDint is asserted at the falling edge of KSI pin.
2.3 PA[3:0]
These pins are similar to KSO pins, except data are read from pin. They can be used as input or open drain
output.
50uA
Data
Pin
4mA
KSO[15:0]
Q
D
CK
/WR
Data
Register
4mA
Read
Data
Pin
Read
Data
KSI[7:0]
Pin
Read
Data
PA[3:0]
50uA
Data
4mA
Q
D
CK
Data
Register
4mA
/WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com