Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES2CV360 Datasheet(PDF) 2 Page - Intel Corporation

Part # RES2CV360
Description  Narrow 36 or 24 port expander board for systems with more than eight drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RES2CV360 Datasheet(HTML) 2 Page - Intel Corporation

  RES2CV360 Datasheet HTML 1Page - Intel Corporation RES2CV360 Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL® PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL’S TERMS AND CONDITIONS OF SALE FOR SUCH
PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL
PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT,
COPYRIGHT, OR OTHER INTELLECTUAL PROPERTY RIGHT. Intel products are not intended for use in medical, life-saving, or life-sustaining applications. Intel may make changes to
specifications and product descriptions at any time, without notice.
All products, dates, and figures specified are preliminary based on current expectations, and are subject to change without notice. Availability in different channels may vary.
Intel, the Intel logo and Xeon are trademarks of Intel Corporation in the U.S. and/or other countries.
*Other names and brands may be claimed as the property of others.
Copyright © 2012 Intel Corporation. All rights reserved.
0212/SJ/Exact/PDF
Please Recycle
327029-001US
Intel® RAID Expander RES2CV360/240
Powered by LSI* MegaRAID* Technology
Features:
1 LSI* LSISAS2x36/24 SAS/SATA Expander to enable communication with 36 or 24-ports at 3 or 6Gb/s
2 Nine or Six SFF8087 SAS/SATA connectors for attaching up to 36 targets or initiators
3 Narrow width for mounting on chassis floor, wall or duct
4 RA 4 Pin power connector to power from a standard power cable
5 Mounting holes for attaching to a chassis or duct wall (if desired)
6 Includes up to six SAS cables with SFF8087 connectors at each end and tight bend radii are included for
ease of procurement and integration simplicity (cables are not shown)
For more information on how to make Intel® RAID products part of a successful storage
solution, visit:
www.intel.com/go/RAID
Technical Specifications:
®®
Order Code
RES2CV360 (36 ports)
RES2CV240 (24 ports)
Embedded processor
LSI* LSISAS2x36/24 36-Port Serial Attached SCSI/SATA
Expander chip
Compatibility
Intel® RAID Controllers (SAS-2)
Intel® Integrated RAID Modules (SAS-2)
RAID or non-RAID mode
2.5-inch and 3.5-inch SAS 2.0 or SATA drives
Drives of mixed capacity
Non disk devices including expanders
SAS/SATA Ports
36 or 24 total sub-divided into quad ports via 8087 (Mini-SAS)
connectors
Firmware
8 MB in an updateable flash ROM
Enclosure Management
SGPIO
Operating Temperature
Maximum ambient: 50°C
Operating Voltage
+3.3 V
Dimensions
8 3/8” W x 2 1/16” D x 7/8” H (to the top of the 8087 connectors)
Cables Included
The 36 port model includes six cables with 8087 (Mini-SAS) to 8087
(Mini-SAS) connectors (short lengths optimized for use in Intel’s 2U
chassis or in close proximity to the drives in any chassis). The 24
port model includes four cables.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com