Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS68 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS68
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS68 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS68 Datasheet HTML 1Page - ON Semiconductor 74LS68 Datasheet HTML 2Page - ON Semiconductor 74LS68 Datasheet HTML 3Page - ON Semiconductor 74LS68 Datasheet HTML 4Page - ON Semiconductor 74LS68 Datasheet HTML 5Page - ON Semiconductor 74LS68 Datasheet HTML 6Page - ON Semiconductor 74LS68 Datasheet HTML 7Page - ON Semiconductor 74LS68 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS682/D
SN74LS682 SN74LS684
SN74LS688
8-Bit Magnitude
Comparators
The SN74LS682, 684, 688 are 8-bit magnitude comparators. These
device types are designed to perform comparisons between two
eight-bit binary or BCD words. All device types provide P = Q outputs
and the LS682 and LS684 have P > Q outputs also.
The LS682, LS684 and LS688 are totem pole devices. The LS682
has a 20 k
Ω pullup resistor on the Q inputs for analog or switch data.
OUTPUT
OUTPUT
TYPE
P = Q
P > Q
ENABLE
CONFIGURATION
PULLUP
LS682
yes
yes
no
totem-pole
yes
LS684
yes
yes
no
totem-pole
no
LS688
yes
no
yes
totem-pole
no
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
24
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS682N
16 Pin DIP
1440 Units/Box
SN74LS682DW
16 Pin
SOIC
DW SUFFIX
CASE 751D
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 738
20
1
20
1
SN74LS684N
16 Pin DIP
1440 Units/Box
SN74LS684DW
16 Pin
2500/Tape & Reel
SN74LS688N
16 Pin DIP
1440 Units/Box
SN74LS688DW
16 Pin
2500/Tape & Reel


Similar Part No. - 74LS68

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS68 MOTOROLA-74LS68 Datasheet
216Kb / 6P
8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
74LS68 TI-74LS68 Datasheet
933Kb / 23P
8-BIT MAGNITUDE/IDENTITY COMPARATORS
logo
Motorola, Inc
74LS682 MOTOROLA-74LS682 Datasheet
216Kb / 6P
8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
74LS682 TI-74LS682 Datasheet
933Kb / 23P
8-BIT MAGNITUDE/IDENTITY COMPARATORS
74LS688 TI-74LS688 Datasheet
933Kb / 23P
8-BIT MAGNITUDE/IDENTITY COMPARATORS
More results

Similar Description - 74LS68

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com