Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM39EA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIM39EA
Description  GPS Antenna Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM39EA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIM39EA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version:1009
All specifications are subject to change without prior notice.
SIMCom presents a high performance GPS antenna module-SIM39EA. This is a standalone L1 frequency GPS
module include an embedded patch antenna on it. Designed with MTK’s high sensitivity navigation engine, it
allows you to achieves the industry’s highest levels of sensitivity, accuracy, and Time-to-First-Fix (TTFF) with
lowest power consumption. And with embedded antenna in SMT type, it is very easy to do customer application.
Mechanical data
•Dimensions: 16*16*6.2mm
•Weight: 5.8g
Features
•Support EASYTM self-generated orbit prediction
•Support EPOTM orbit prediction
•Support AGPS
•Support SBAS ranging (WAAS, EGNOS, GAGAN,
MSAS)
Interfaces
•Serial interfaces
•Digital I/O
•Protocols
Support product
•SIM68 EVB KIT with USB V2.0 full speed interface
Performance data
•Receiver type
•Max. update rate
•Sensitivity1
Tracking:
Reacquisition:
Cold starts:
•Time-To-First-Fix2
Cold starts:
Warm starts:
30s
Hot starts:
EPO Assist:
• Accuracy
Automatic Position3:
Speed4:
•Operation temperature:
-40℃~+85 ℃
Electrical data
•Power supply
2.8~4.3V
•Backup power
•Power consumption2
Acquisition
Tracking
sleep
200uA
SIM39EA
Smart Machine Smart Decision
Smart Machine Smart Decision
More about SIMCom SIM39EA
Please contact:
Tel: 86-21-32523300
Fax: 86-21-32523301
Email: simcom@sim.com
Website: www.sim.com
UART
TIMEMARK (PPS)
3D-FIX
NMEA
PMTK
22 tracking/66 acquisition-
channel GPS receiver
GPS L1, C/A Code
10Hz
-165 dBm
-160 dBm
-147 dBm
31 s (typical)
<1s
13s(CTTFF)
2.5m CEP
0.1m/s
2.3V~4.3V
3.3V(typical)
23.mA
17mA
1.Demonstrated with a good active antenna
2.All SV @ –130 dBm
3.50% 24 hr static, -130dBm
4.50%@ 30m/s


Similar Part No. - SIM39EA

ManufacturerPart #DatasheetDescription
logo
ELESTA GmbH
SIM3 ELESTA-SIM3 Datasheet
273Kb / 1P
SIM 3 Series
logo
List of Unclassifed Man...
SIM300 ETC1-SIM300 Datasheet
2Mb / 12P
Wireless Module Solutions
SIM300C ETC1-SIM300C Datasheet
2Mb / 12P
Wireless Module Solutions
SIM300D ETC1-SIM300D Datasheet
2Mb / 12P
Wireless Module Solutions
logo
SemiWell Semiconductor
SIM300D06AV3 SEMIWELL-SIM300D06AV3 Datasheet
225Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
More results

Similar Description - SIM39EA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMPJ-132 ABRACON-APAMPJ-132 Datasheet
2Mb / 3P
GPS Active Antenna Module
04.28.15
logo
Yuechung International ...
YIC31818GMGG-C YIC-YIC31818GMGG-C Datasheet
1Mb / 15P
GPS & GLONASS Antenna Module
YIC51513PGM-37 YIC-YIC51513PGM-37 Datasheet
189Kb / 10P
GPS/GNSS Antenna Module
YIC51616GMS-37 YIC-YIC51616GMS-37 Datasheet
781Kb / 13P
GPS/GNSS Antenna Module
YIC51616GMSGG-33 YIC-YIC51616GMSGG-33 Datasheet
1Mb / 19P
GPS & GLONASS Antenna Module
YIC52813GMGB-33 YIC-YIC52813GMGB-33 Datasheet
163Kb / 10P
GPS & BDS Antenna Module
YIC51513PGMGB-33 YIC-YIC51513PGMGB-33 Datasheet
809Kb / 13P
GPS & BDS Antenna Module
YIC51513PGMGG-33 YIC-YIC51513PGMGG-33 Datasheet
808Kb / 13P
GPS & GLONASS Antenna Module
YIC51818GM-37 YIC-YIC51818GM-37 Datasheet
505Kb / 12P
GPS/GNSS Antenna Module
YIC51818GMGG-33-C YIC-YIC51818GMGG-33-C Datasheet
860Kb / 13P
GPS & GLONASS Antenna Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com