Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SIM7020
Description  SIMCom NB-IoT Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM7020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SIM7020 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM7020 Datasheet HTML 2Page - List of Unclassifed Manufacturers SIM7020 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Copyright © 2020 SIMCom Wireless Solutions Limited All Rights Reserved
Building B, SIM Technology Building, No.633, Jinzhong Road Changning District, Shanghai P.R.China
Tel: 86-21-31575100
Email: support@simcom.com
Web: www.simcom.com
Product
SIM7020E
SIM7020E-ND
SIM7020E-D
Form Factor
LCC, 42PIN
LCC, 42PIN
LCC, 42PIN
Dimensions(mm)
17.6*15.7*2.3
17.6*15.7*2.3
17.6*15.7*2.3
Frequency Bands
Cat-NB
B1/B3/B5/B8/B20/B28
B1/B3/B5/B8/B20/B28
B1/B3/B5/B8/B20/B28
Temperature
-40℃ ~ +85℃
-40℃ ~ +85℃
-40℃ ~ +85℃
Electrical Features
Supply Voltage Range(V)
2.1~ 3.6
3.0~ 3.6
2.1~ 3.6
Power
Consumption
@PSM(uA)
3.4
3.4
3.4
@Sleep(mA)
0.4
0.4
0.4
@Idle(mA)
5.6
5.6
5.6
@eDRX=655.36s(uA) 30
30
30
Data Transfer
NB-IoT(kbps)
26.15(DL)/62.5(UL)
26.15(DL)/62.5(UL)
26.15(DL)/62.5(UL)
Software Features
Protocol
TCP/UDP/HTTP/HTTPS/TLS/DTLS/D
NS/NTP/PING/LWM2M/COAP/MQTT/
MQTTS
TCP/UDP/HTTP/HTTPS/TLS/DTL
S/DNS/NTP/PING/LWM2M/COAP/
MQTT/MQTTS
TCP/UDP/HTTP/HTTPS/TLS/DTL
S/DNS/NTP/PING/LWM2M/COAP/
MQTT/MQTTS
FOTA
●
●
●
Embedded AT
●
●
●
Firmware Upgrade
UART/FOTA
UART/FOTA
UART/FOTA
Interfaces
SIM Card
1.8V/3.0V
1.8V/3.0V
1.8V/3.0V
UART
●
●
●
USB
●
●
●
ADC
●
●
●
Embedded SIM
o
o
o
Certification
Regulatory
CE/NCC/IMDA/ATEX/RoHS/REACH CE/NCC/IMDA/ATEX/RoHS/
REACH
CE/NCC/IMDA/ATEX/RoHS/
REACH
Carrier
Deutsche Telekom
Deutsche Telekom
Deutsche Telekom
●: support
o: optional
* : on going



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com