Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL6-RGB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMTL6-RGB
Description  PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMTL6-RGB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMTL6-RGB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMTL6-RGB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMTL6-RGB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMTL6-RGB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMTL6-RGB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMTL6-RGB
♦
Industry Standard PLCC6 Footprint
♦
3 Chips in One Low Profile Package
♦
High Luminous Intensity
♦
Wide Viewing Angle
♦
High Power Efficiency
PLCC6 SMD Top View Package LED
SMTL6-RGB, RED/GREEN/BLUE
Emitted Color
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL6-RGB
AlGaInP
Red
600
Water Clear
InGaN
Green
800
InGaN
Blue
350
140°
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision A
02/16
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 4
Outline Dimensions
Bivar SMTL6-RGB LED is offered in an industry standard PLCC6 package with high luminous intensity and
wide viewing angles. The miniature package is ideal for small scale applications such as illumination, gen-
eral indication, and backlighting. Low power consumption and excellent long life reliability are suitable for
battery powered equipment.
The flexible three chip design allows for a wide variety of lighting options
where the chips can be individually driven or mixed to create numerous color and intensity combinations.
Bivar SMTL6 LED is packaged in standard tape and reels for pick and place assemblies.
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.


Similar Part No. - SMTL6-RGB

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL6-RGB BIVAR-SMTL6-RGB Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
Revision B 10/22
More results

Similar Description - SMTL6-RGB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-16 KODENSHI-KLB-16 Datasheet
868Kb / 1P
high-brightness red-green-blue smd top view package
L-815 KODENSHI-L-815 Datasheet
843Kb / 1P
high-brightness red-green-blue smd top view package
logo
Bivar, Inc.
SMTL4-RGB BIVAR-SMTL4-RGB Datasheet
768Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4-SRGB BIVAR-SMTL4-SRGB Datasheet
747Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGB, RED/GREEN/BLUE
Revision A 02/16
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-GC BIVAR-SMTL6-GC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
Revision B 06/22
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
SMTL6-RGB BIVAR-SMTL6-RGB Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
Revision B 10/22
SMTL6-UWDN BIVAR-SMTL6-UWDN Datasheet
761Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-UWDN, NEUTRAL WHITE
Revision A 02/16
SMTL6-UWDW BIVAR-SMTL6-UWDW Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-UWDW, WARM WHITE
Revision B 06/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com