Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9461 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9461
Description  Lite LDO System Basis Chip supports CAN Flexible Data-Rate(FD) and Partial Networking (PN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9461 Datasheet HTML 1Page - Infineon Technologies AG TLE9461 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
› 5V/3.3V Linear Voltage Regulator up to
150mA (Vcc1)
› 5V Linear Voltage Regulator up to
100mA (Vcc2)
› CAN FD up to 5Mbps (acc. to ISO
11898-2:2016), CAN PN and FD
Tolerant (“-3” variants)
› 1x HV Wake input, Watchdog, Reset,
Interrupt, Fail Output
› Charge Pump Output for Load Switch /
Reverse Current Protection
› Alternative Functions for Fail Output:
Wake, Low-Side or High-Side Switch
(up to 45mA)
› Low Power Modes with full wake
capability
› Fail-Safe Operating Modes
The Lite SBC family (TLE94x1) is available as 5V or 3.3V output voltage version for
microcontrollers
, network transceivers, sensors and other peripherals’ power supply.
The Lite LDO SBCs feature a low-dropout voltage regulator with an output current of
150mA as well as an auxiliary 5V low-dropout voltage regulator with 100mA of output
current. The communication interface incorporates one CAN transceiver with Flexible
Data-Rate performance up to 5Mbit/s according to ISO 11898-2:2016 (including
Partial Networking option). It complies with the latest automotive standards and OEM
requirements. All devices feature a PG-TSDSO-24 (8.65mm x 6mm). The entire Lite
SBC family (TLE94x1) is hardware compatible, and is also software compatible with
TLE926x & TLE927x.
Key benefits
› Reduced system cost through low component count and small PCB footprint
› Integrated charge pump that can drive an external N-FET
› Extends battery life with very low quiescent current modes
› Enables design flexibility and reduces software design effort by shared state
machine and SPI access within the entire Lite SBC family
› Meets major car OEM requirements with excellent EMC and ESD performance
Block diagram
Key features
Product Brief
TLE9461
Lite LDO System Basis Chip supports CAN Flexible Data-Rate
(FD) and Partial Networking (PN)
 www.infineon.com
› Steering column and steering lock
› Seat control module
› Seat belt pretension
› Closure (power lift gate, sliding door,
etc.)
› Heating, ventilation and air conditioning
(HVAC)
› Gear shifter and selectors
› Light Control Unit (LCU) for front, and
rear
› Smart Power Distribution modules
› Fuel pump
Key applications


Similar Part No. - TLE9461

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9461-3ES INFINEON-TLE9461-3ES Datasheet
5Mb / 174P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9461-3ESV33 INFINEON-TLE9461-3ESV33 Datasheet
5Mb / 174P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE94613ESXUMA1 INFINEON-TLE94613ESXUMA1 Datasheet
5Mb / 174P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9461ES INFINEON-TLE9461ES Datasheet
4Mb / 140P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
TLE9461ESV33 INFINEON-TLE9461ESV33 Datasheet
4Mb / 140P
Lite CAN SBC Family
Rev. 1.1 2019-09-27
More results

Similar Description - TLE9461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
Texas Instruments
TCAN11623-Q1 TI-TCAN11623-Q1 Datasheet
801Kb / 9P
TCAN1162x-Q1 Automotive CAN FD System Basis Chip with Sleep Mode and LDO Output
logo
ON Semiconductor
NCV7450 ONSEMI-NCV7450 Datasheet
319Kb / 18P
System Basis Chip with CAN FD, LDO Regulator and HS Driver
November, 2019 ??Rev. 1
logo
Texas Instruments
TCAN11623-Q1 TI-TCAN11623-Q1_V01 Datasheet
2Mb / 51P
TCAN1162x-Q1 Automotive CAN FD System Basis Chip with Sleep Mode and LDO Output
NOVEMBER 2021
logo
NXP Semiconductors
35FS4500 NXP-35FS4500 Datasheet
1,000Kb / 19P
Grade 0 safety power system basis chip with CAN flexible data transceiver
Rev.1.0 - 15 December2017
logo
Texas Instruments
TCAN1164-Q1 TI-TCAN1164-Q1 Datasheet
3Mb / 71P
TCAN1164-Q1 Automotive CAN FD System Basis Chip with LDO Output and Watchdog
DECEMBER 2021
TCAN1167-Q1 TI-TCAN1167-Q1 Datasheet
3Mb / 73P
TCAN1167-Q1 Automotive CAN FD System Basis Chip with LDO Output, Sleep Mode, and Watchdog
DECEMBER 2021
logo
NXP Semiconductors
UJA1168A NXP-UJA1168A Datasheet
856Kb / 74P
Mini high-speed CAN system basis chip for partial networking
Rev. 1 ??23 August 2019
logo
Texas Instruments
TCAN1164-Q1 TI-TCAN1164-Q1_V01 Datasheet
2Mb / 72P
TCAN1164-Q1 Automotive CAN FD System Basis Chip with LDO Output and Watchdog
DECEMBER 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com