Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESTO608 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO608
Description  Thermal hygrometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO608 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO608 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO608 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
testo 608
Technical data / Accessories
testo 608-H1
testo 608-H2
testo 608-H1 thermohygrometer
humidity/dewpoint/temperature incl.
battery
testo 608-H2 hygrometer,
humidity/dewpoint/temperature, with LED
alarm, battery and calibration protocol
Part no. 0560 6081
Part no. 0560 6082
General technical data
Measuring rate
18 s
Storage temp.
-40 to +70 °C
Battery type
9V block battery
Battery life
approx. 1 year
Weight
168 g
Dimensions
111 x 90 x 40 mm
Material/Housing
ABS
Display
LCD, 2 lines
Warranty
2 years
Accessories
Part no.
Accessories for measuring instrument
www.testo.com
Technical data
testo 608-H1
testo 608-H2
Sensor types
NTC
Meas. range
0 to +50 °C
-20 to +50 °C td
Accuracy
±1 digit
±0.5 °C (at +25 °C)
Resolution
0.1 °C
Testo humid. sensor, cap.
+10 to +95 %RH
±3 %RH (+10 to +95 %RH)
0.1 %RH
Testo humid. sensor, cap.
+2 to +98 %RH
±2 %RH (+2 to +98 %RH)
0.1 %RH
Oper. temp.
0 to +50 °C
NTC
-10 to +70 °C
-40 to +70 °C td
±0.5 °C (at +25 °C)
0.1 °C
-10 to +70 °C
We measure it.
0520 0076
ISO calibration certificate humidity, calibration points 11.3 %RH and 75.3 %RH
at +25 °C/+77 °F; per channel/instrument
testo-608-P02
15.08.2012
09:48
Seite 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com