Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP112
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112 Datasheet(HTML) 4 Page - ON Semiconductor

  TIP112 Datasheet HTML 1Page - ON Semiconductor TIP112 Datasheet HTML 2Page - ON Semiconductor TIP112 Datasheet HTML 3Page - ON Semiconductor TIP112 Datasheet HTML 4Page - ON Semiconductor TIP112 Datasheet HTML 5Page - ON Semiconductor TIP112 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP110 TIP111 TIP112 TIP115 TIP116 TIP117
4
Motorola Bipolar Power Transistor Device Data
6.0 k
0.04
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.1
0.2
0.6
1.0
4.0
600
800
400
1.0 k
2.0 k
VCE = 3.0 V
0.4
NPN
TIP110, 111, 112
PNP
TIP115, 116, 117
Figure 9. Collector Saturation Region
3.4
0.1
IB, BASE CURRENT (mA)
0.6
0.2
1.0
2.0
20
100
1.8
IC =
0.5 A
TJ = 25°C
1.0 A
2.6
3.0
0.5
5.0
2.2
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.1
0.2
0.6
1.0
2.0
4.0
1.8
1.4
1.0
0.6
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
VBE @ VCE = 3.0 V
4.0 k
3.0 k
TJ = 125°C
25
°C
– 55
°C
50
IC, COLLECTOR CURRENT (AMP)
VCE = 3.0 V
TJ = 125°C
25
°C
– 55
°C
1.4
2.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
2.0
10
0.4
6.0 k
0.04
300
0.06
0.1
0.2
0.6
1.0
4.0
600
800
400
1.0 k
2.0 k
0.4
4.0 k
3.0 k
2.0
2.2
1.0
4.0 A
3.4
0.1
0.6
0.2
1.0
2.0
20
100
1.8
2.6
3.0
0.5
5.0
50
1.4
10
2.2
1.0
IC =
0.5 A
1.0 A
2.0 A
4.0 A
2.2
0.04 0.06
0.1
0.2
0.6
1.0
2.0
4.0
1.8
1.4
1.0
0.6
0.2
0.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com