Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G126STR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V2G126STR
Description  DUAL BUS BUFFER (3-STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G126STR Datasheet(HTML) 4 Page - STMicroelectronics

  74V2G126STR Datasheet HTML 1Page - STMicroelectronics 74V2G126STR Datasheet HTML 2Page - STMicroelectronics 74V2G126STR Datasheet HTML 3Page - STMicroelectronics 74V2G126STR Datasheet HTML 4Page - STMicroelectronics 74V2G126STR Datasheet HTML 5Page - STMicroelectronics 74V2G126STR Datasheet HTML 6Page - STMicroelectronics 74V2G126STR Datasheet HTML 7Page - STMicroelectronics 74V2G126STR Datasheet HTML 8Page - STMicroelectronics 74V2G126STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74V2G126
4/11
AC ELECTRICAL CHARACTERISTICS (Input tr =tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.1
7.5
1.0
8.5
1.0
9.5
ns
3.3(*)
50
5.6
8.0
1.0
9.5
1.0
10.5
5.0(**)
15
3.8
5.5
1.0
6.5
1.0
7.5
5.0(**)
50
4.3
6.5
1.0
7.5
1.0
8.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
15
RL =1 KΩ
5.4
8.0
1.0
9.0
1.0
10.0
ns
3.3(*)
50
RL =1 KΩ
7.9
11.5
1.0
12.5
1.0
13.5
5.0(**)
15
RL =1 KΩ
3.6
5.0
1.0
6.0
1.0
7.0
5.0(**)
50
RL =1 KΩ
5.1
7.0
1.0
8.0
1.0
9.0
tPZL
tPZH
Output Enable
Time
3.3(*)
15
RL =1 KΩ
5.4
7.6
1.0
9.5
1.0
10.5
ns
3.3(*)
50
RL =1 KΩ
5.9
8.5
1.0
10.0
1.0
11.0
5.0(**)
15
RL =1 KΩ
3.7
5.9
1.0
7.0
1.0
8.0
5.0(**)
50
RL =1 KΩ
4.1
6.5
1.0
7.5
1.0
8.5
Symbol
Parameter
Test Condition
Value
Unit
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
4
101010
pF
COUT
Output
Capacitance
6pF
CPD
Power Dissipation
Capacitance
(note 1)
14
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com