Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA94 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA94
Description  SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA94 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA94 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA94 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA94
type is a surface mount epoxy molded PNP sili-
con planar epitaxial transistors designed for
extremely high voltage applications.
MARKING CODE: C94
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
300
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=350V
100
nA
ICES
VCE=350V
500
nA
IEBO
VBE=4.0V
100
nA
BVCBO
IC=100µA
400
V
BVCES
IC=100µA
400
V
BVCEO
IC=1.0mA
400
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
0.40
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.50
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.75
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.75
V
hFE
VCE=10V, IC=1.0mA
40
hFE
VCE=10V, IC=10mA
50
200
hFE
VCE=10V, IC=50mA
45
hFE
VCE=10V, IC=100mA
20
fT
VCE=10V, IC=10mA, f=10MHz
20
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
130
pF
CMPTA94
SURFACE MOUNT PNP
HIGH VOLTAGE
SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R2 (13-November 2002)


Similar Part No. - CMPTA94

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA94 CENTRAL-CMPTA94_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
More results

Similar Description - CMPTA94

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZTA92T1 MOTOROLA-PZTA92T1 Datasheet
60Kb / 4P
PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZTA92T1 ONSEMI-PZTA92T1 Datasheet
107Kb / 6P
PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
logo
Central Semiconductor C...
CMPTA96 CENTRAL-CMPTA96 Datasheet
100Kb / 2P
SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA96 CENTRAL-CZTA96 Datasheet
107Kb / 2P
SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA94 CENTRAL-CZTA94 Datasheet
74Kb / 2P
SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CZTA94 CENTRAL-CZTA94_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA94 CENTRAL-CMPTA94_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA96 CENTRAL-CMPTA96_15 Datasheet
328Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CZTA94 CENTRAL-CZTA94_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com