Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP107 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP107
Description  DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP107 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP107 Datasheet HTML 1Page - ON Semiconductor TIP107 Datasheet HTML 2Page - ON Semiconductor TIP107 Datasheet HTML 3Page - ON Semiconductor TIP107 Datasheet HTML 4Page - ON Semiconductor TIP107 Datasheet HTML 5Page - ON Semiconductor TIP107 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP100 TIP101 TIP102 TIP105 TIP106 TIP107
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
TIP100, TIP105
TIP101, TIP106
TIP102, TIP107
VCEO(sus)
60
80
100
—
—
—
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP100, TIP105
(VCE = 40 Vdc, IB = 0)
TIP101, TIP106
(VCE = 50 Vdc, IB = 0)
TIP102, TIP107
ICEO
—
—
—
50
50
50
µAdc
Collector Cuttoff Current
(VCB = 60 Vdc, IE = 0)
TIP100, TIP105
(VCB = 80 Vdc, IE = 0)
TIP101, TIP106
(VCB = 100 Vdc, IE = 0)
TIP102, TIP107
ICBO
—
—
—
50
50
50
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
—
8.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 3.0 Adc, VCE = 4.0 Vdc)
(IC = 8.0 Adc, VCE = 4.0 Vdc)
hFE
1000
200
20,000
—
—
Collector–Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 6.0 mAdc)
(IC = 8.0 Adc, IB = 80 mAdc)
VCE(sat)
—
—
2.0
2.5
Vdc
Base–Emitter On Voltage
(IC = 8.0 Adc, VCE = 4.0 Vdc)
VBE(on)
—
2.8
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain
(IC = 3.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
hfe
4.0
—
—
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
TIP105, TIP106, TIP107
TIP100, TIP101, TIP102
Cob
—
—
300
200
pF
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
Figure 2. Switching Times Test Circuit
5.0
0.1
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.5
0.05
0.2
0.3
0.5 0.7 1.0
2.0
3.0
10
0.3
0.7
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0 V
V2
approx
+ 8.0 V
V1
approx
–12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
µs
0
RB
51
D1
+ 4.0 V
VCC
– 30 V
RC
TUT
≈ 8.0 k ≈ 120
SCOPE
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse all polarities.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
3.0
0.2
0.1
0.07
5.0 7.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com