Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # PST
Description  Programmable Scene Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

PST Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  PST Datasheet HTML 1Page - CINCON ELECTRONICS Corporation PST Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V10
1
︳
PST
Programmable Scene Timer
Features
* For DALI System
* Programmed by iDALI App
* Powered by DALI Bus
* Up to 16 Programmable Schedules
* Repeatable Weekly Schedule Available
* Automatic Time Sync While Connected to App
Specifications
1. Power input via DALI bus: 10.5-22.5Vdc
2. Current draw: 10mA from DALI
3. Operating Temperature: 0~50℃
4. Connecting Wire Cross Section 0.5~1.5 mm2
Note:
1. PST is required to work with BD5T and iDALI App.
2. PST can only work together with BD5T, not BD5.
3. One DALI system is recommended only one PST.


Similar Part No. - PST

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
PST 13 IP BOPLA-PST 13 IP Datasheet
2Mb / 22P
Cable glands / General Accessories
PST 16 IP BOPLA-PST 16 IP Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
Wabash Transformer Inc.
PST-06-10 WABASH-PST-06-10 Datasheet
625Kb / 2P
The Compact Power Transformer
PST-06-120 WABASH-PST-06-120 Datasheet
625Kb / 2P
The Compact Power Transformer
PST-06-126 WABASH-PST-06-126 Datasheet
625Kb / 2P
The Compact Power Transformer
More results

Similar Description - PST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com