Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R23 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  A/D Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
HT46R23/HT46C23
Rev. 1.60
21
May 3, 2004
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: Since low voltage state has to be maintained in its original state for over 1ms, therefore after 1ms delay,
the device enters the reset mode.
trol register clears HAAS bit. If the address is not match,
this bit is reset to
²0². The HBB bit is set to respond the
I
2C Bus is busy. It mean that a START signal is de-
tected. This bit is reset to
²0² when the I2C Bus is not
busy. It means that a STOP signal is detected and the
I
2C Bus is free. The SRW bit defines the read/write com-
mand bit, if the calling address is match. When HAAS is
set to
²1², the device check SRW bit to determine
whether the device is working in transmit or receive
mode. When SRW bit is set
²1², it means that the master
wants to read data from I
2C Bus, the slave device must
write data to I
2C Bus, so the slave device is working in
transmit mode. When SRW is reset to
²0², it means that
the master wants to write data to I
2C Bus, the slave de-
vice must read data from the bus, so the slave device is
working in receive mode. The RXAK bit is reset
²0² indi-
cates an acknowledges signal has been received. In the
transmit mode, the transmitter checks RXAK bit to know
the receiver which wants to receive the next data byte,
so the transmitter continue to write data to the I
2C Bus
until the RXAK bit is set to
²1² and the transmitter re-
leases the SDA line, so that the master can send the
STOP signal to release the bus.
The HADR bit7-bit1 define the device slave address. At
the beginning of transfer, the master must select a de-
vice by sending the address of the slave device. The bit
0 is unused and is not defined. If the I
2C Bus receives a
start signal, all slave device notice the continuity of the
8-bit data. The front of 7 bits is slave address and the
first bit is MSB. If the address is match, the HAAS status
bit is set and generate an I
2C Bus interrupt. In the ISR,
the slave device must check the HAAS bit to know the
I
2C Bus interrupt comes from the slave address that has
match or completed one 8-bit data transfer. The last bit
of the 8-bit data is read/write command bit, it responds in
SRW bit. The slave will check the SRW bit to know if the
master wants to transmit or receive data. The device
check SRW bit to know it is as a transmitter or receiver.
Bit7~Bit1
Bit0
Slave Address
¾
Note:
²¾² means undefined
HADR Register
The HDR register is the I
2C Bus input/output data regis-
ter. Before transmitting data, the HDR must write the
data which we want to transmit. Before receiving data,
the device must dummy read data from HDR. Transmit
or Receive data from I
2C Bus must be via the HDR reg-
ister. At the beginning of the transfer of the I
2C Bus, the
device must initial the bus, the following are the notes for
initialing the I
2C Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com