Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP40DC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP40DC
Description  40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP40DC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP40DC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP40DC Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP40(50)DC series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 1 of 2
DESCRIPTION:
The rated output power of TP40DC/TP50DC converters is 40W,50W, 2:1 ,4:1 input voltage range,the voltage
range is 18V-36V,36V-75V, 9V-36V、18V-75V.The accuracy of the converter can reach ±1%,it can be widely
used in telecommunications,railway transportation, Auto industrial, instrument and etc.
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Output voltage accuracy
±1
%
Voltage regulation
V01
±10
%
Line regulation
V01
±0.2
%
Load regulation
V01
±0.5
%
Dynamic Response
+/-4%Vo /400us
Ripple and noise
V0≤5VDC
50
mvp-p
Ripple and noise
other
100
mvp-p
Ripple and noise
V0≥48VDC
200
mvp-p
Temperature drift coefficient
±0.02
%/℃
FEATURES
40-50W output power
Long-term short circuit protection, Automatic recovery
High power density, high conversion efficiency
Miniaturized package
With remote control and output adjustment function
RoHS compliant
MODEL SELECTION
Part Number
Input
Output
Capacity
(uF)
Efficiency(Typ)
%
Voltage(VDC)
Voltage
(
VDC)
Current(A)
Rated
Range
TP40DC24S03
24(2:1)
18-36
3.3
8
10000
85
TP40DC24S05
24(2:1)
18-36
5.05
8
4700
88
TP40DC24S12
24(2:1)
18-36
12
3.33
1000
89
TP40DC24S15
24(2:1)
18-36
15
2.67
1000
89
TP40DC48S03
48(2:1)
36-75
3.3
8
10000
85
TP40DC48S05
48(2:1)
36-75
5.05
8
4700
88
TP40DC48S12
48(2:1)
36-75
12
3.33
1000
89
TP40DC48S15
48(2:1)
36-75
15
2.67
1000
89
TP40DC24S05W
24(4:1)
9-36
5.05
8
4700
88
TP40DC24S12W
24(4:1)
9-36
12
3.33
1000
88
TP40DC24S15W
24(4:1)
9-36
15
2.67
1000
88
TP40DC48S05W
48(4:1)
18-75
5.05
8
4700
88
TP40DC48S12W
48(4:1)
18-75
12
3.33
1000
88
TP40DC48S15W
48(4:1)
18-75
15
2.67
1000
89
TP50DC24S05
24(2:1)
18-36
5.05
10
10000
88
TP50DC24S12
24(2:1)
18-36
12
4.17
1000
89
TP50DC48S05
48(2:1)
36-75
5.05
10
10000
88
TP50DC48S12
48(2:1)
36-75
12
4.17
1000
89
TP50DC24S05W
24(4:1)
9-36
5.05
10
10000
88
TP50DC24S12W
24(4:1)
9-36
12
4.17
1000
89
TP50DC48S05W
48(4:1)
18-75
5.05
10
10000
88
TP50DC48S12W
48(4:1)
18-75
12
4.17
1000
89
Input voltage 9-18VDC ,start-up voltage 9.5-18VDC , input voltage 9-36VDC ,start-up voltage 9.5-36VDC.
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input Voltage
24V Input module(18V-36V)
18
24
36
VDC
Input Voltage
48V Input module(36V-75V)
36
48
75
VDC
Input Voltage
24V Input module(9V-36V)
9.5
24
36
VDC
Input Voltage
48V Input module(18V-75V)
18
48
75
VDC
Remote control
CNT pin is floating or connect to TTL high level
Opened
VDC
Remote control
CNTconnect to -Vin
Closed
TOPPOWER


Similar Part No. - TP40DC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG12D05 TOPPOWER-TP40DG12D05 Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
TP40DG12D05 TOPPOWER-TP40DG12D05 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP40DC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_V01 Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com