Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP50DG Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP50DG
Description  50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP50DG Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP50DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP50DG Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP50DG Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 2
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP Package
PIN
Single
1
+Vin
2
-Vin
3
CTL
4
TRM
5
-Vout
6
+Vout
7
NP
MODEL SELECTION
TEMPERATURE CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Isolated voltage
Input--Output
1500
VDC
Isolated voltage
Input--case
1500
VDC
Isolated voltage
Output--case
500
VDC
Switch frequency
330
KHZ
Mean time between failures
Mil HDBK 217F Tc=25℃
2×106
case temperature
-40
+95
℃
Storage temperature
-55
+125
℃
Relative humidity
10
90
%
short circuit protection
Long-term short circuit protection,Automatic recovery
Module in every environment temperature rating, case temperature under shall not
Units: mm
Pin diameter tolerances: ±0.1mm
General Tolerance: ±0.5mm
TP
50
D G
24
S 05
W
W:4:1 Wide voltage input range
Output voltage
S: single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
50.80
45.72
2.54
12.90
10.16
5.08
10.16
10.16
10.16
10.16
50.80
1.00
4.60
1
2
3
7
5
4
6
bottom view
13.30
TOPPOWER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com