Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP30C
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP30C Datasheet(HTML) 1 Page - ON Semiconductor

  TIP30C Datasheet HTML 1Page - ON Semiconductor TIP30C Datasheet HTML 2Page - ON Semiconductor TIP30C Datasheet HTML 3Page - ON Semiconductor TIP30C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
. . . designed for use in general purpose amplifier and switching applications.
Compact TO–220 AB package.
MAXIMUM RATINGS
Rating
Symbol
TIP29B
TIP30B
TIP29C
TIP30C
Unit
Rating
Symbol
TIP30B
TIP30C
Unit
Collector–Emitter Voltage
VCEO
80
100
Vdc
Collector–Base Voltage
VCB
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
1.0
3.0
Adc
Base Current
IB
0.4
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
30
0.24
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
Watts
W/
_C
Unclamped Inductive Load Energy
(See Note 3)
E
32
mJ
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Thermal Resistance, Junction to Case
R
θJC
4.167
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
TIP29B, TIP30B
(IC = 30 mAdc, IB = 0)
TIP29C, TIP30C
VCEO(sus)
80
100
—
—
Vdc
Collector Cutoff Current (VCE = 60 Vdc, IB = 0)
ICEO
—
0.3
mAdc
Collector Cutoff Current
(VCE = 80 Vdc, VEB = 0)
TIP29B, TIP30B
(VCE = 100 Vdc, VEB = 0)
TIP29C, TIP30C
ICES
—
—
200
200
µAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
1.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain (IC = 0.2 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc)
hFE
40
15
—
75
—
Collector–Emitter Saturation Voltage (IC = 1.0 Adc, IB = 125 mAdc)
VCE(sat)
—
0.7
Vdc
Base–Emitter On Voltage (IC = 1.0 Adc, VCE = 4.0 Vdc)
VBE(on)
—
1.3
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 200 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
—
MHz
Small–Signal Current Gain (IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
—
—
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
(2) fT = hfe• ftest.
(3) This rating based on testing with LC = 20 mH, RBE = 100 Ω, VCC = 10 V, IC = 1.8 A, P.R.F = 10 Hz.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by TIP29B/D
© Motorola, Inc. 1995
TIP29B
TIP29C
TIP30B
TIP30C
1 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
80 – 100 VOLTS
30 WATTS
NPN
PNP
CASE 221A–06
TO–220AB
REV 1


Similar Part No. - TIP30C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30C MOSPEC-TIP30C Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Motorola, Inc
TIP30C MOTOROLA-TIP30C Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
Power Innovations Ltd
TIP30C POINN-TIP30C Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30C FAIRCHILD-TIP30C Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
List of Unclassifed Man...
TIP30C ETC2-TIP30C Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results

Similar Description - TIP30C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com