Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TL062
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL062 Datasheet(HTML) 2 Page - ON Semiconductor

  TL062 Datasheet HTML 1Page - ON Semiconductor TL062 Datasheet HTML 2Page - ON Semiconductor TL062 Datasheet HTML 3Page - ON Semiconductor TL062 Datasheet HTML 4Page - ON Semiconductor TL062 Datasheet HTML 5Page - ON Semiconductor TL062 Datasheet HTML 6Page - ON Semiconductor TL062 Datasheet HTML 7Page - ON Semiconductor TL062 Datasheet HTML 8Page - ON Semiconductor TL062 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL062 TL064
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (from VCC to VEE)
VS
+36
V
Input Differential Voltage Range (Note 1)
VIDR
±30
V
Input Voltage Range (Notes 1 and 2)
VIR
±15
V
Output Short Circuit Duration (Note 3)
tSC
Indefinite
sec
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–60 to +150
°C
NOTES: 1. Differential voltages are at the noninverting input terminal with respect to the inverting input
terminal.
2. The magnitude of the input voltage must never exceed the magnitude of the supply or 15 V,
whichever is less.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not
exceeded. (See Figure 1.)
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 0° to +70°C, unless otherwise noted.)
TL062AC
TL064AC
TL062C
TL064C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS = 50 Ω, VO = 0V)
TA = 25°C
TA = 0° to +70°C
VIO
—
—
3.0
—
6.0
7.5
—
—
3.0
—
15
20
mV
Average Temperature Coefficient for Offset Voltage
(RS = 50 Ω, VO = 0 V)
∆VIO/∆T
—
10
—
—
10
—
µV/°C
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = 25°C
TA = 0° to +70°C
IIO
—
—
0.5
—
100
2.0
—
—
0.5
—
200
2.0
pA
nA
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = 25°C
TA = 0° to +70°C
IIB
—
—
3.0
—
200
2.0
—
—
3.0
—
200
10
pA
nA
Input Common Mode Voltage Range
TA = 25°C
VICR
—
–11.5
+14.5
–12.0
+11.5
—
—
–11
+14.5
–12.0
+11
—
V
Large Signal Voltage Gain (RL = 10 kΩ, VO = ±10 V)
TA = 25°C
TA = 0° to +70°C
AVOL
4.0
4.0
58
—
—
—
3.0
3.0
58
—
—
—
V/mV
Output Voltage Swing (RL = 10 kΩ, VID = 1.0 V)
TA = 25°C
VO+
VO–
+10
—
+14
–14
—
–10
+10
—
+14
–14
—
–10
V
TA = 0° to +70°C
VO+
VO–
+10
—
—
—
—
–10
+10
—
—
—
—
–10
Common Mode Rejection
(RS = 50 Ω, VCM = VICR min, VO = 0 V, TA = 25°C)
CMR
80
84
—
70
84
—
dB
Power Supply Rejection
(RS = 50 Ω, VCM = 0 V, VO = 0, TA = 25°C)
PSR
80
86
—
70
86
—
dB
Power Supply Current (each amplifier)
(No Load, VO = 0 V, TA = 25°C)
ID
—
200
250
—
200
250
µA
Total Power Dissipation (each amplifier)
(No Load, VO = 0 V, TA = 25°C)
PD
—
6.0
7.5
—
6.0
7.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com