Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558102 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 558102
Description  Hinge cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

558102 Datasheet(HTML) 1 Page - Festo Corporation.

  558102 Datasheet HTML 1Page - Festo Corporation. 558102 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hinge cylinder
DWC-63-50-Y
Part number: 558102
Data sheet
Feature
Value
Stroke
50 mm
Piston diameter
63 mm
63 mm
Piston rod thread
M16x1.5
M16x1.5
Wide rod clevis/swivel mounting
16.5 mm
Type code
DW
DW
Cushioning
Pneumatic cushioning, adjustable at both ends
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Any
Design
Cylinder barrel
Piston rod with rod clevis
Swivel mounting on bearing cap
Piston
Piston
Piston rod with rod clevis
Swivel mounting on bearing cap
Cylinder barrel
Velocity control
Integrated flow control at both ends
Position sensing
None
None
Piston rod end
External thread with rod clevis
External thread with rod clevis
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
1.3 J
Cushioning length
20 mm
Theoretical force at 6 bar, retracting
1682 N
Theoretical force at 6 bar, advancing
1870 N
Moving mass at 0 mm stroke
741 g
Additional weight per 10 mm stroke
42 g
Basic weight with 0 mm stroke
1600 g
12/9/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 558102

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
558100 FESTO-558100 Datasheet
84Kb / 2P
Hinge cylinder
558101 FESTO-558101 Datasheet
84Kb / 2P
Hinge cylinder
558103 FESTO-558103 Datasheet
84Kb / 2P
Hinge cylinder
558104 FESTO-558104 Datasheet
84Kb / 2P
Hinge cylinder
558105 FESTO-558105 Datasheet
84Kb / 2P
Hinge cylinder
More results

Similar Description - 558102

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
Hinge cylinder
DWA-50-125-Y-A-G FESTO-DWA-50-125-Y-A-G Datasheet
89Kb / 2P
Hinge cylinder
DWA-50-75-Y-AB FESTO-DWA-50-75-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
DWA-50-125-Y-AB-G FESTO-DWA-50-125-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com