Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36B Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP36B
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP36B Datasheet(HTML) 2 Page - ON Semiconductor

  TIP36B Datasheet HTML 1Page - ON Semiconductor TIP36B Datasheet HTML 2Page - ON Semiconductor TIP36B Datasheet HTML 3Page - ON Semiconductor TIP36B Datasheet HTML 4Page - ON Semiconductor TIP36B Datasheet HTML 5Page - ON Semiconductor TIP36B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP35A TIP35B TIP35C TIP36A TIP36B TIP36C
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mA, IB = 0)
TIP35A, TIP36A
TIP35B, TIP36B
TIP35C, TIP36C
VCEO(sus)
60
80
100
—
—
—
Vdc
Collector–Emitter Cutoff Current
(VCE = 30 V, IB = 0)
TIP35A, TIP36A
(VCE = 60 V, IB = 0)
TIP35B, TIP35C, TIP36B, TIP36C
ICEO
—
—
1.0
1.0
mA
Collector–Emitter Cutoff Current
(VCE = Rated VCEO, VEB = 0)
ICES
—
0.7
mA
Emitter–Base Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
—
1.0
mA
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 1.5 A, VCE = 4.0 V)
(IC = 15 A, VCE = 4.0 V)
hFE
25
15
—
75
—
Collector–Emitter Saturation Voltage
(IC = 15 A, IB = 1.5 A)
(IC = 25 A, IB = 5.0 A)
VCE(sat)
—
—
1.8
4.0
Vdc
Base–Emitter On Voltage
(IC = 15 A, VCE = 4.0 V)
(IC = 25 A, VCE = 4.0 V)
VBE(on)
—
—
2.0
4.0
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain
(IC = 1.0 A, VCE = 10 V, f = 1.0 kHz)
hfe
25
—
—
Current–Gain — Bandwidth Product
(IC = 1.0 A, VCE = 10 V, f = 1.0 MHz)
fT
3.0
—
MHz
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2.0%.
Figure 2. Switching Time Equivalent Test Circuits
0.3
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMPERES)
0.02
1.0
30
0.07
1.0
10
TJ = 25°C
IC/IB = 10
VCC = 30 V
VBE(off) = 2 V
0.5
0.3
0.1
0.05
0.5
3.0
5.0
0.03
0.7
2.0
0.7
7.0
tr
0.2
2.0
20
td
(PNP)
(NPN)
TURN–ON TIME
TURN–OFF TIME
+ 2.0 V
0
tr ≤
20 ns
–11.0 V
10 TO 100
µS
3.0
RL
– 30 V
VCC
DUTY CYCLE
≈ 2.0%
10
RB
TO SCOPE
tr ≤ 20 ns
VBB
+ 4.0 V
FOR CURVES OF FIGURES 3 & 4, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN, REVERSE ALL POLARITIES.
0
+ 9.0 V
–11.0 V
10 to 100
µs
tr ≤ 20 ns
DUTY CYCLE
≈ 2.0%
3.0
RL
– 30 V
VCC
10
RB
TO SCOPE
tr ≤ 20 ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com