Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DE-LN08-RJ Datasheet(PDF) 2 Page - Moxa Inc.

Part # DE-LN08-RJ
Description  Expansion modules with PRP/HSR ports and Giga LAN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

DE-LN08-RJ Datasheet(HTML) 2 Page - Moxa Inc.

  DE-LN08-RJ Datasheet HTML 1Page - Moxa Inc. DE-LN08-RJ Datasheet HTML 2Page - Moxa Inc. DE-LN08-RJ Datasheet HTML 3Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.moxa.com
2
Appearance
DE-LN04-RJ
DE-PRP-HSR-EF
DE-LN08-RJ
Specifications
Ethernet Interface
10/100/1000BaseT(X) Ports (RJ45 connector)
DE-LN04-RJ: 4
DE-LN08-RJ: 8
DE-PRP-HSR-EF: 2
1000BaseSFP Slots
DE-PRP-HSR-EF: 2
Magnetic Isolation Protection
1.5 kV (built-in)
Physical Characteristics
Dimensions
213.31 x 95 mm (8.398 x 3.74 in)
Weight
DE-LN04-RJ: 335 g (0.74 lb)
DE-LN08-RJ: 365 g (0.80 lb)
DE-PRP-HSR-EF: 365 g (0.80 lb)
Environmental Limits
Operating Temperature
-25 to 55°C (-13 to 131°F)
Storage Temperature (package included)
-40 to 85°C (-40 to 185°F)
Declaration
Green Product
RoHS, CRoHS, WEEE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com