Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSF4P01HDR2G Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # MMSF4P01HDR2G
Description  P-Channel 12-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MMSF4P01HDR2G Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  MMSF4P01HDR2G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MMSF4P01HDR2G Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MMSF4P01HDR2G Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MMSF4P01HDR2G Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MMSF4P01HDR2G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MMSF4P01HDR2G Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 600 µA
- 0.5
-
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 70 °C
- 10
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 14 A
0.0050
Ω
VGS = - 2.5 V, ID = - 13 A
0.0065
VGS = - 1.8 V, ID = - 12 A
0.0100
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 14 A
80
S
Diode Forward Voltagea
VSD
IS = - 2.7 A, VGS = 0 V
- 0.6
- 1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 5 V, ID = - 14 A
110
165
nC
Gate-Source Charge
Qgs
15
Gate-Drain Charge
Qgd
27.5
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
110
170
ns
Rise Time
tr
235
350
Turn-Off Delay Time
td(off)
410
620
Fall Time
tf
285
430
Gate Resistance
Rg
3.6
Ω
Source-Drain Reverse Recovery Time
trr
IF = - 2.1 A, dI/dt = 100 A/µs
180
270
ns
Output Characteristics
0
10
20
30
40
50
0
1234
5
VGS = 5 thru 2 V
VDS - Drain-to-Source Voltage (V)
1.5 V
Transfer Characteristics
0
10
20
30
40
50
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
MMSF4P01HDR2G
2
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com