Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082CD Datasheet(PDF) 3 Page - ON Semiconductor

Part # TL082CD
Description  JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL082CD Datasheet(HTML) 3 Page - ON Semiconductor

  TL082CD Datasheet HTML 1Page - ON Semiconductor TL082CD Datasheet HTML 2Page - ON Semiconductor TL082CD Datasheet HTML 3Page - ON Semiconductor TL082CD Datasheet HTML 4Page - ON Semiconductor TL082CD Datasheet HTML 5Page - ON Semiconductor TL082CD Datasheet HTML 6Page - ON Semiconductor TL082CD Datasheet HTML 7Page - ON Semiconductor TL082CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL081C,AC TL082C,AC TL084C,AC
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k, VCM = 0)
VIO
mV
TL081C, TL082C
–
5.0
15
TL084C
–
5.0
15
TL08_AC
–
3.0
6.0
Average Temperature Coefficient of Input Offset Voltage
∆VIO/∆T
–
10
–
µV/°C
RS = 50 Ω, TA = Tlow to Thigh (Note 1)
Input Offset Current (VCM = 0) (Note 2)
IIO
pA
TL08_C
–
5.0
200
TL08_AC
–
5.0
100
Input Bias Current (VCM = 0) (Note 2)
IIB
pA
TL08_C
–
30
400
TL08_AC
–
30
200
Input Resistance
ri
–
1012
–
Ω
Common Mode Input Voltage Range
VICR
V
TL08_C
±10
15, –12
–
TL08_AC
±11
15, –12
–
Large Signal Voltage Gain (VO = ±10 V, RL ≥ 2.0 k)
AVOL
V/mV
TL08_C
25
150
–
TL08_AC
50
150
–
Output Voltage Swing (Peak–to–Peak)
VO
24
28
–
V
(RL = 10 k)
Common Mode Rejection Ratio (RS ≤ 10 k)
CMRR
dB
TL08_C
70
100
–
TL08_AC
80
100
–
Supply Voltage Rejection Ratio (RS ≤ 10 k)
PSRR
dB
TL08_C
70
100
–
TL08_AC
80
100
–
Supply Current (Each Amplifier)
ID
–
1.4
2.8
mA
Unity Gain Bandwidth
BW
–
4.0
–
MHz
Slew Rate (See Figure 1)
SR
–
13
–
V/
µs
Vin = 10 V, RL = 2.0 k, CL = 100 pF
Rise Time (See Figure 1)
tr
–
0.1
–
µs
Overshoot (Vin = 20 mV, RL = 2.0 k, CL = 100 pF)
OS
–
10
–
%
Equivalent Input Noise Voltage
en
–
25
–
nV/ Hz
√
RS = 100 Ω, f = 1000 Hz
Channel Separation
CS
–
120
–
dB
AV = 100
NOTES: 1. Tlow =0°C for TL081AC,C
Thigh =70°C for TL081AC
0
°C for TL082AC,C
+70
°C for TL082AC,C
0
°C for TL084AC,C
+70
°C for TL084AC,C
2. Input Bias currents of JFET input op amps approximately double for every 10
°C rise in Junction Temperature as shown in Figure 3. To maintain
junction temperature as close to ambient temperature as possible, pulse techniques must be used during testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com