Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE016LD3VC4F Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SCE016LD3VC4F
Description  6/6 Nylon, Color: Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCE016LD3VC4F Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCE016LD3VC4F Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Mallory Sonalert Products,Inc.
SCE016LD3VC4F
Sales Outline Drawing
A
Specifications:
Sound Level Category:
Loud
Medium
Soft
Mode of Operation:
Slow Pulse
Slow Pulse
Slow Pulse
Loudness @ 2 FT:
85 to 95 dB(A) Typ.
75 to 85 dB(A) Typ.
65 to 75 dB(A) Typ.
Pulse Rate (PPS):
1
1
1
Frequency:
2900 ± 500 Hz
2900 ± 500 Hz
2900 ± 500 Hz
Connection:
TERMINALS ONLY
TERMINALS; BLUE WIRE
TO (-)
TERMINALS; YELLOW
WIRE TO (-)
Voltage Rating:
6 to 16 VDC
Current Draw:
40mA MAX
Housing Material:
6/6 Nylon, Color: Black
Storage Temperature:
-40° to +85° C
Operating Temperature
-40° to +85° C
Panel Mounting:
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut:
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Weight (Typical):
1.6 oz (45g)
NEMA 3R,4X, & 12:
Approved with use of ACC03.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
cUL Recognition:
cUL Recognized
Options:
Please contact factory.
Dimensions: Inches (mm)
ROHS Compliant
Made in U.S.A.
A
Solutions
SO
N
E
L
RT
®


Similar Part No. - SCE016LD3VC4F

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE016LD3VC4B MSPI-SCE016LD3VC4B Datasheet
76Kb / 1P
Voltage Rating: 6 to 16 VDC
SCE016LD3VC4S MSPI-SCE016LD3VC4S Datasheet
81Kb / 1P
Voltage Rating: 6 to 16 VDC
More results

Similar Description - SCE016LD3VC4F

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZT120LACTY30 MSPI-ZT120LACTY30 Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LADP2R MSPI-ZT120LADP2R Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LADP3R MSPI-ZT120LADP3R Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1G MSPI-ZT120LAFP1G Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1R15 MSPI-ZT120LAFP1R15 Datasheet
132Kb / 1P
Housing Material 6/6 Nylon, Color: Black
SCE016LD2VC1F MSPI-SCE016LD2VC1F Datasheet
77Kb / 1P
6/6 Nylon, Color: Black
SCE016LD2VC1S MSPI-SCE016LD2VC1S Datasheet
80Kb / 1P
6/6 Nylon, Color: Black
JR28-RG-DLDP315 MSPI-JR28-RG-DLDP315 Datasheet
175Kb / 1P
6/6 Nylon, Color: Opaque White
JR28-RG-DLFP1 MSPI-JR28-RG-DLFP1 Datasheet
175Kb / 1P
6/6 Nylon, Color: Opaque White
JR28-RG-DLFP115 MSPI-JR28-RG-DLFP115 Datasheet
175Kb / 1P
6/6 Nylon, Color: Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com