Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV4T115D Datasheet(PDF) 2 Page - Schneider Electric

Part # BV4T115D
Description  Motor Circuit Protector, TeSys BV4, standard fault, 115A, 600Y/347 VAC, 600 to 1150 instantaneous trip, up to 100kA SCCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BV4T115D Datasheet(HTML) 2 Page - Schneider Electric

  BV4T115D Datasheet HTML 1Page - Schneider Electric BV4T115D Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of slots
1 slot(s) for alarm switch for fault signalling contact, plug-in
1 slot(s) for voltage release for electrical remote tripping, plug-in
1 slot(s) for auxiliary switch for open/close contact, plug-in
Connection pitch
1.06 in (27 mm)
Electrical Connection
2 EverLink BTR screw connectors 0.00…0.11 in² (1.5…70 mm²) AWG 14...AWG 2/0), solid copper
2 EverLink BTR screw connectors 0.00…0.08 in² (1.5…50 mm²) AWG 6...AWG 1/0), flexible copper
Tightening torque
44.25 lbf.in (5 N.m) 0.02 in² (10 mm²) AWG 8)
79.66 lbf.in (9 N.m) 0.02 in² (16 mm²) AWG 6)
Wire stripping length
0.79 in (20 mm)
Height
6.38 in (162 mm)
Width
3.19 in (81 mm)
Depth
4.57 in (116 mm)
Net Weight
3.31 lb(US) (1.5 kg)
Quantity per set
1
Color
Gray RAL 7016)
Environment
Standards
CSA C22.2 No 5
UL 489
Product certifications
CSA
UL
IP degree of protection
IP40 front face conforming to IEC 60529
IK degree of protection
IK07 conforming to IEC 62262
Mechanical robustness
Vibrations: +/- 1 mm 2...13.2 Hz conforming to IEC 60068-2-6
Vibrations: 0.7 gn 13.2...100 Hz conforming to IEC 60068-2-6
Shocks: 15 gn 11 ms conforming to IEC 60068-2-27
Ambient Air Temperature for
Operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-58…185 °F (-50…85 °C)
Operating altitude
6561.68 ft (2000 m) without derating
> 2000...5000 m with derating
Ordering and shipping details
Category
01124 - TESYS BV4 MOTOR CIRCUIT PROTECTORS
Discount Schedule
I11
GTIN
03606481328366
Package weight(Lbs)
3.4 lb(US) (1.54 kg)
Returnability
Yes
Country of origin
MX
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com