Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBG010D360D Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HBG010D360D
Description  Half Bridge High Voltage Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HBG010D360D Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HBG010D360D Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HBG010D360D Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HBG010D360D
1.0A 36kV
Half Bridge High Voltage Rectifier Assembly
----------------------------------------------------------------------------------------------------------------------------- ------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2019-03 1 / 2
INTRODUCE:
HVGT Half Bridge high voltage silicon rectifier
assembly is made of high quality silicon GPP chip
and high reliability epoxy resin sealing structure,
and through professional testing equipment
inspection qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. Power frequency ratio.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage generator.
2. Industrial microwave power supply.
3. High voltage rectifier used in electrostatic
cleaning.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: screw holes M5.
3. Net weight: 145.0 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVD-31
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C; IR=1.0uA
36
36
kV
Peak Working Revere Voltage
VRWM
TA=25°C; IR=1.0uA
36
36
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C; IR=1.0uA
40
40
kV
Average Forward Current Maximum
IFAVM
TA=50°C; 50Hz Half-sine Wave;
Resistance load
1.0
A
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 50Hz Half-Sine Wave; 8.3mS
30
A
Junction Temperature
TJ
150
°C
Allowable Operation Case Temperature
Tc
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
64
64
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Similar Part No. - HBG010D360D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HBG020D101D GETEDZ-HBG020D101D Datasheet
530Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG020D151D GETEDZ-HBG020D151D Datasheet
525Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG020D360D GETEDZ-HBG020D360D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG050D360D GETEDZ-HBG050D360D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG060D120D GETEDZ-HBG060D120D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
More results

Similar Description - HBG010D360D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV1036 GETEDZ-HV1036 Datasheet
481Kb / 1P
High Voltage Half Bridge Rectifier
HV2036 GETEDZ-HV2036_17 Datasheet
531Kb / 2P
Half Bridge Type High Voltage Rectifier
HV5036 GETEDZ-HV5036_17 Datasheet
531Kb / 2P
Half Bridge Type High Voltage Rectifier
HBG020D101D GETEDZ-HBG020D101D Datasheet
530Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG020D151D GETEDZ-HBG020D151D Datasheet
525Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG020D360D GETEDZ-HBG020D360D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG050D360D GETEDZ-HBG050D360D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG060D120D GETEDZ-HBG060D120D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG100D006G GETEDZ-HBG100D006G Datasheet
532Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG100D040D GETEDZ-HBG100D040D Datasheet
530Kb / 2P
Half Bridge High Voltage Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com