Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCU877
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCU877 Datasheet HTML 7Page - Texas Instruments CDCU877 Datasheet HTML 8Page - Texas Instruments CDCU877 Datasheet HTML 9Page - Texas Instruments CDCU877 Datasheet HTML 10Page - Texas Instruments CDCU877 Datasheet HTML 11Page - Texas Instruments CDCU877 Datasheet HTML 12Page - Texas Instruments CDCU877 Datasheet HTML 13Page - Texas Instruments CDCU877 Datasheet HTML 14Page - Texas Instruments CDCU877 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
RECOMMENDED AVDD FILTERING
V
DDQ
GND
CARD
VIA
CARD
VIA
Bead
0603
4.7 F
m
1206
0.1 F
m
0603
2200pF
0603
AV
DD
AGND
PLL
1 W
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 11. Time Delay Between OE and Clock Output (Y, Y)
A.
Place the 2200-pF capacitor close to the PLL.
B.
Use a wide trace for the PLL analog power and ground. Connect PLL and capacitors to AGND trace and connect
trace to one GND via (farthest from the PLL).
C.
Recommended bead: Fair-Rite PN 2506036017Y0 or equilvalent (0.8
Ω dc maximum, 600 Ω at 100 MHz).
Figure 12. Recommended AVDD Filtering
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com