Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877ZQL Datasheet(PDF) 17 Page - Texas Instruments

Part # CDCU877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQL Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCU877ZQL Datasheet HTML 13Page - Texas Instruments CDCU877ZQL Datasheet HTML 14Page - Texas Instruments CDCU877ZQL Datasheet HTML 15Page - Texas Instruments CDCU877ZQL Datasheet HTML 16Page - Texas Instruments CDCU877ZQL Datasheet HTML 17Page - Texas Instruments CDCU877ZQL Datasheet HTML 18Page - Texas Instruments CDCU877ZQL Datasheet HTML 19Page - Texas Instruments CDCU877ZQL Datasheet HTML 20Page - Texas Instruments CDCU877ZQL Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
NanoFree is a trademark of Texas Instruments.
PACKAGE OUTLINE
4225135/A 08/2019
www.ti.com
NFBGA - 1 mm max height
PLASTIC BALL GRID ARRAY
NMK0052A
A
0.1 C
0.15
C A B
0.05
C
B
SYMM
SYMM
4.6
4.4
7.1
6.9
BALL A1 CORNER
1 MAX
0.25
0.15
SEATING PLANE
C
1
2
3
4
5
6
A
B
C
D
E
F
G
H
J
K
5.85
TYP
0.65 TYP
0.65 TYP
(0.58) TYP
(0.63) TYP
3.25
TYP
BALL TYP
52X Ø0.35
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com