Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1132949 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 1132949
Description  Parallel gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1132949 Datasheet(HTML) 2 Page - Festo Corporation.

  1132949 Datasheet HTML 1Page - Festo Corporation. 1132949 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Mass moment of inertia
14.09 kgcm²
Maximum torque on gripper jaw, Mx static
70 Nm
Maximum torque on gripper jaw, My static
45 Nm
Maximum torque on gripper jaw, Mz static
35 Nm
Relubrication interval for guidance elements
5000000 MioCyc
Max. mass per external gripper finger
445 g
Product weight
1223 g
Type of mounting
Optionally:
With through-hole and dowel pin
With internal thread and dowel pin
With internal thread and centering sleeve
Via through-hole and centering sleeve
With internal thread and centering sleeve
Via through-hole and centering sleeve
With through-hole and dowel pin
With internal thread and dowel pin
Optionally:
Sealing air pneumatic connection
M5
M5
Pneumatic connection
M5
M5
Note on materials
RoHS-compliant
RoHS-compliant
Cover cap material
High-alloy stainless steel
High-alloy stainless steel
Housing material
Aluminum
Anodized
Aluminum
Anodized
Gripper jaw material
Hardened
Steel
Steel
Hardened
12/10/20 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com