Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACDM Datasheet(PDF) 14 Page - ON Semiconductor

Part # TL431ACDM
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACDM Datasheet(HTML) 14 Page - ON Semiconductor

Back Button TL431ACDM Datasheet HTML 10Page - ON Semiconductor TL431ACDM Datasheet HTML 11Page - ON Semiconductor TL431ACDM Datasheet HTML 12Page - ON Semiconductor TL431ACDM Datasheet HTML 13Page - ON Semiconductor TL431ACDM Datasheet HTML 14Page - ON Semiconductor TL431ACDM Datasheet HTML 15Page - ON Semiconductor TL431ACDM Datasheet HTML 16Page - ON Semiconductor TL431ACDM Datasheet HTML 17Page - ON Semiconductor TL431ACDM Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
14
ORDERING INFORMATION
Device
Tolerance
Shipping Information†
Package Code
Operating Temperature Range
Marking
Code
TL431BVDG
BV
−40°C to 125°C
SOIC−8
(Pb−Free)
98 Units / Rail
0.4%
TL431BVDR2G
2500 Units / Tape & Reel
0.4%
TL431BVDMR2G
TBV
Micro8
(Pb−Free)
4000 Units / Tape & Reel
0.4%
TL431BVLPG
BVLP
TO−92
(Pb−Free)
2000 Units / Bag
0.4%
TL431BVLPRAG
2000 Units / Tape & Reel
0.4%
TL431BVPG
BVP
PDIP−8
(Pb−Free)
50 Units / Rail
0.4%
NCV431AIDMR2G
RAN
Micro8
(Pb−Free)
4000 Units / Tape & Reel
1%
NCV431AIDR2G
AV
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
1%
NCV431BVDMR2G
NVB
Micro8
(Pb−Free)
4000 Units / Tape & Reel
0.4%
NCV431BVDR2G
BV
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
0.4%
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS
Micro8
CASE 846A
TO−92 (TO−226)
CASE 29
PDIP−8
CASE 626
TL431xxx
AWL
YYWWG
1
8
TL431
xxxx
YWW G
G
xxxx
= See Specific Marking Code
A
= Assembly Location
Y, YY
= Year
WW, W
= Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
xxx
AYWG
G
1
8
431xx
ALYW
G
1
8
TL431
ALYWx
G
1
8
(Exception for the TL431CD
and TL431ID only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com