Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1GU04STR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LX1GU04STR
Description  LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1GU04STR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LX1GU04STR Datasheet HTML 2Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 3Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 4Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 5Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 6Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 7Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 8Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 9Page - STMicroelectronics 74LX1GU04STR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74LX1GU04
7/10
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.30
5.9
11.8
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e
.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
SOT323-5L MECHANICAL DATA
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com