Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431BCDM Datasheet(PDF) 1 Page - ON Semiconductor

Part # TL431BCDM
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCDM Datasheet(HTML) 1 Page - ON Semiconductor

  TL431BCDM Datasheet HTML 1Page - ON Semiconductor TL431BCDM Datasheet HTML 2Page - ON Semiconductor TL431BCDM Datasheet HTML 3Page - ON Semiconductor TL431BCDM Datasheet HTML 4Page - ON Semiconductor TL431BCDM Datasheet HTML 5Page - ON Semiconductor TL431BCDM Datasheet HTML 6Page - ON Semiconductor TL431BCDM Datasheet HTML 7Page - ON Semiconductor TL431BCDM Datasheet HTML 8Page - ON Semiconductor TL431BCDM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 34
1
Publication Order Number:
TL431/D
TL431, A, B Series,
NCV431A, B
Programmable
Precision References
The TL431, A, B integrated circuits are three−terminal
programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is
programmable from Vref to 36 V with two external resistors. These
devices exhibit a wide operating current range of 1.0 mA to 100 mA
with a typical dynamic impedance of 0.22
W. The characteristics of
these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op
amp circuitry. The 2.5 V reference makes it convenient to obtain a
stable reference from 5.0 V logic supplies, and since the TL431, A, B
operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.
Features
• Programmable Output Voltage to 36 V
• Voltage Reference Tolerance: ±0.4%, Typ @ 25°C (TL431B)
• Low Dynamic Output Impedance, 0.22 W Typical
• Sink Current Capability of 1.0 mA to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating
Temperature Range
• Low Output Noise Voltage
• These are Pb−Free and Halide−Free Devices
(Top View)
3
1
Reference
N/C
N/C
N/C
2
4
8
7
6
5 N/C
Anode
N/C
Cathode
Anode
Anode
TO−92 (TO−226)
LP SUFFIX
CASE 29
PDIP−8
P SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
Pin 1. Reference
2. Anode
3. Cathode
(Top View)
3
1
Reference
N/C
2
4
8
7
6
5
N/C
Cathode
Micro8E
DM SUFFIX
CASE 846A
8
1
8
1
8
1
1
2
3
This is an internally modified SOIC−8 package. Pins 2, 3, 6 and
7 are electrically common to the die attach flag. This internal
lead frame modification increases power dissipation capability
when appropriately mounted on a printed circuit board. This
modified package conforms to all external dimensions of the
standard SOIC−8 package.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 14 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - TL431BCDM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431BCDM MOTOROLA-TL431BCDM Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
Microsemi Corporation
TL431BCDM MICROSEMI-TL431BCDM Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
TL431BCDM MICROSEMI-TL431BCDM Datasheet
270Kb / 11P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431BCDMR2 ONSEMI-TL431BCDMR2 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
TL431BCDMR2G ONSEMI-TL431BCDMR2G Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
More results

Similar Description - TL431BCDM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
Programmable Precision References
April, 2022 - Rev. 43
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com