Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN3101Z Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # THN3101Z
Description  NPN Planer RF TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THN3101Z Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button THN3101Z Datasheet HTML 2Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 3Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 4Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 5Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 6Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 7Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 8Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 9Page - List of Unclassifed Manufacturers THN3101Z Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
THN3101Z
VCE = 3V, ICC = 2mA
VCE = 3V, ICC = 3mA
VCE = 3V, ICC = 4mA
VCE = 3V, ICC = 5mA
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.939 / -19.616
0.907 / -28.717
0.877 / -37.112
0.855 / -45.844
0.817 / -53.640
0.781 / -60.632
0.750 / -68.703
0.709 / -75.936
0.675 / -82.618
0.639 / -90.520
0.607 / -98.557
0.574 / -106.770
0.547 / -114.282
0.515 / -122.049
S(2,1)
6.803 / 161.993
6.589 / 154.736
6.375 / 147.270
6.176 / 139.884
5.961 / 133.694
5.706 / 128.080
5.492 / 121.626
5.293 / 116.234
5.070 / 110.188
4.819 / 104.685
4.663 / 99.190
4.458 / 93.890
4.278 / 89.065
4.109 / 83.500
S(1,2)
0.022 / 76.402
0.032 / 71.442
0.041 / 65.614
0.049 / 60.230
0.056 / 55.620
0.063 / 51.440
0.068 / 47.389
0.074 / 43.780
0.078 / 39.930
0.082 / 36.575
0.085 / 33.207
0.088 / 30.173
0.091 / 27.003
0.093 / 23.793
S(2,2)
0.982 / -10.826
0.949 / -15.085
0.923 / -19.740
0.893 / -23.776
0.859 / -27.086
0.828 / -30.124
0.795 / -33.567
0.767 / -36.231
0.738 / -39.838
0.711 / -42.670
0.686 / -45.427
0.660 / -48.280
0.639 / -51.193
0.612 / -53.754
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.926 / -23.029
0.871 / -34.097
0.830 / -43.746
0.789 / -53.742
0.753 / -62.788
0.704 / -70.457
0.667 / -78.707
0.620 / -86.616
0.591 / -94.150
0.553 / -101.796
0.519 / -110.889
0.490 / -119.371
0.478 / -127.383
0.447 / -137.006
S(2,1)
9.682 / 158.957
9.256 / 150.525
8.802 / 142.003
8.390 / 133.841
7.949 / 127.232
7.468 / 121.308
7.075 / 114.658
6.711 / 109.263
6.340 / 103.220
5.958 / 97.876
5.685 / 92.685
5.373 / 87.703
5.114 / 83.011
4.856 / 78.067
S(1,2)
0.022 / 75.260
0.031 / 68.998
0.039 / 62.687
0.046 / 57.424
0.052 / 52.902
0.058 / 48.927
0.062 / 45.254
0.066 / 42.053
0.069 / 38.713
0.072 / 36.106
0.075 / 33.285
0.077 / 30.898
0.080 / 28.349
0.081 / 26.049
S(2,2)
0.971 / -12.789
0.929 / -17.794
0.891 / -22.936
0.849 / -27.235
0.805 / -30.571
0.765 / -33.523
0.727 / -36.790
0.694 / -39.174
0.661 / -42.458
0.632 / -44.945
0.606 / -47.326
0.580 / -49.841
0.559 / -52.396
0.533 / -54.696
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.895 / -26.695
0.845 / -38.721
0.785 / -49.322
0.734 / -60.586
0.694 / -69.719
0.645 / -77.901
0.597 / -86.687
0.555 / -95.293
0.526 / -102.285
0.491 / -110.458
0.460 / -119.912
0.438 / -128.320
0.425 / -135.914
0.400 / -145.337
S(2,1)
12.166 / 156.246
11.473 / 146.883
10.747 / 137.691
10.081 / 129.088
9.404 / 122.226
8.725 / 116.222
8.157 / 109.633
7.648 / 104.329
7.165 / 98.446
6.670 / 93.340
6.316 / 88.354
5.932 / 83.591
5.620 / 79.125
5.317 / 74.352
S(1,2)
0.021 / 73.764
0.030 / 67.060
0.038 / 60.756
0.044 / 55.359
0.049 / 50.835
0.054 / 47.710
0.057 / 44.284
0.061 / 41.710
0.063 / 38.928
0.066 / 36.794
0.068 / 34.564
0.071 / 32.674
0.073 / 30.597
0.075 / 28.501
S(2,2)
0.960 / -14.496
0.907 / -20.031
0.860 / -25.438
0.809 / -29.782
0.758 / -32.950
0.714 / -35.666
0.672 / -38.670
0.637 / -40.674
0.605 / -43.642
0.576 / -45.767
0.551 / -47.853
0.527 / -50.047
0.507 / -52.398
0.483 / -54.449
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.872 / -30.603
0.814 / -42.928
0.742 / -54.604
0.688 / -66.319
0.647 / -75.138
0.595 / -84.137
0.549 / -93.290
0.508 / -101.813
0.477 / -109.919
0.449 / -117.746
0.415 / -127.430
0.406 / -135.521
0.389 / -143.979
0.365 / -153.953
S(2,1)
14.395 / 153.788
13.384 / 143.656
12.334 / 133.986
11.406 / 125.075
10.512 / 118.186
9.640 / 112.218
8.925 / 105.729
8.302 / 100.598
7.727 / 94.881
7.154 / 89.988
6.742 / 85.201
6.306 / 80.606
5.961 / 76.321
5.616 / 71.890
S(1,2)
0.021 / 73.135
0.029 / 65.343
0.036 / 59.209
0.042 / 54.217
0.046 / 50.023
0.050 / 46.952
0.053 / 44.292
0.056 / 42.070
0.059 / 39.693
0.062 / 38.045
0.064 / 36.298
0.066 / 34.566
0.069 / 32.830
0.071 / 31.018
S(2,2)
0.948 / -16.031
0.886 / -21.936
0.830 / -27.461
0.773 / -31.714
0.717 / -34.619
0.670 / -36.995
0.629 / -39.671
0.594 / -41.352
0.563 / -44.034
0.535 / -45.854
0.511 / -47.715
0.489 / -49.726
0.470 / -51.871
0.448 / -53.783
www.tachyonics.co.kr
-9/10-
Sep-2003
Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com