Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCL2000 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CCL2000
Description  CURRENT LIMITING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CCL2000 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CCL2000 Datasheet HTML 1Page - Central Semiconductor Corp CCL2000 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R2
CCL0035 THRU CCL5750
CURRENT LIMITING DIODE
JEDEC DO-35 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR CCL0035 Series types are silicon field effect current regulator diodes designed for
applications requiring a constant current over a wide voltage range. These devices are manufactured in the cost effective
DO-35 double plug case, which provides many benefits to the user including space saving and improved thermal
characteristics. Special selections of IP (regulator current) are available for critical applications. This series is the most cost
effective of the current limiting diode family.
MAXIMUM RATINGS (TL=75°C unless otherwise noted)
SYMBOL
UNITS
Peak Operating Voltage
POV
100
V
Power Dissipation
PD
600
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
DYNAMIC
KNEE
LIMITING
TEMPERATURE
IMPEDANCE
IMPEDANCE
VOLTAGE
COEFFICENT
ZT @ VT=25V
ZK @ VK=6.0V
VL @ IL=0.8 IP MIN
TC*
M
Ω
Ω
Ω
Ω
M
Ω
Ω
Ω
Ω
V
%/°C
MIN
NOM
MAX
MIN
MIN
MAX
CCL0035
0.010
0.035
0.060
8.0
4.0
0.4
+2.10 TO +0.10
CCL0130
0.050
0.130
0.210
6.0
2.0
0.6
+2.10 TO +0.10
CCL0300
0.200
0.310
0.420
4.0
1.0
0.8
+0.40 TO -0.20
CCL0500
0.400
0.515
0.630
2.0
0.5
1.1
+0.15 TO -0.25
CCL0750
0.600
0.760
0.920
1.0
0.2
1.4
0.0 TO -0.32
CCL1000
0.880
1.100
1.320
0.65
0.1
1.7
-0.10 TO -0.37
CCL1500
1.280
1.500
1.720
0.45
0.070
2.0
-0.13 TO -0.40
CCL2000
1.680
2.000
2.320
0.35
0.050
2.3
-0.15 TO -0.42
CCL2700
2.280
2.690
3.100
0.30
0.030
2.7
-0.18 TO -0.45
CCL3500
3.000
3.550
4.100
0.25
0.020
3.2
-0.20 TO -0.47
CCL4500
3.900
4.500
5.100
0.20
0.010
3.7
-0.22 TO -0.50
CCL5750
5.000
5.750
6.500
0.05
0.005
4.5
-0.25 TO -0.53
TYPE NO.
REGULATOR
CURRENT(1)
IP @ VT=25V
mA
*The Temperature Coefficient is measured between the following points: +25°C, +50°C
(1) PULSED METHOD PULSE WIDTH (ms) = 27.5 / IP NOM (mA)


Similar Part No. - CCL2000

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
CCL2000 DIGITRON-CCL2000 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
More results

Similar Description - CCL2000

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035_10 Datasheet
308Kb / 2P
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B Datasheet
656Kb / 4P
20mA Current Limiting Diode
logo
Central Semiconductor C...
1N5283 CENTRAL-1N5283 Datasheet
341Kb / 2P
SILICON CURRENT LIMITING DIODE DESCRIPTION:
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
20mA Current Limiting Diode
CLD20 MCC-CLD20 Datasheet
233Kb / 4P
20mA Current Limiting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com