Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP125 Datasheet(PDF) 49 Page - Actel Corporation

Part # AGLP125
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP125 Datasheet(HTML) 49 Page - Actel Corporation

Back Button AGLP125 Datasheet HTML 45Page - Actel Corporation AGLP125 Datasheet HTML 46Page - Actel Corporation AGLP125 Datasheet HTML 47Page - Actel Corporation AGLP125 Datasheet HTML 48Page - Actel Corporation AGLP125 Datasheet HTML 49Page - Actel Corporation AGLP125 Datasheet HTML 50Page - Actel Corporation AGLP125 Datasheet HTML 51Page - Actel Corporation AGLP125 Datasheet HTML 52Page - Actel Corporation AGLP125 Datasheet HTML 53Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 35
Timing Characteristics
Applies to 1.5 V DC Core Voltage
Applies to 1.2 V DC Core Voltage
Table 2-54 • 1.8 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.97
5.89
0.18
1.00
1.43
0.66
6.01
5.43
1.78
1.30
ns
4 mA
STD
0.97
4.82
0.18
1.00
1.43
0.66
4.92
4.56
2.08
2.08
ns
6 mA
STD
0.97
4.13
0.18
1.00
1.43
0.66
4.21
3.96
2.30
2.46
ns
8 mA
STD
0.97
4.13
0.18
1.00
1.43
0.66
4.21
3.96
2.30
2.46
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-55 • 1.8 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.97
2.82
0.18
1.00
1.43
0.66
2.88
2.78
1.78
1.35
ns
4 mA
STD
0.97
2.30
0.18
1.00
1.43
0.66
2.35
2.11
2.08
2.15
ns
6 mA
STD
0.97
2.00
0.18
1.00
1.43
0.66
2.04
1.76
2.29
2.55
ns
8 mA
STD
0.97
2.00
0.18
1.00
1.43
0.66
2.04
1.76
2.29
2.55
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. Software default selection highlighted in gray.
Table 2-56 • 1.8 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.98
6.43
0.19
1.12
1.61
0.67
6.54
5.93
2.19
1.88
ns
4 mA
STD
0.98
5.33
0.19
1.12
1.61
0.67
5.41
5.03
2.50
2.68
ns
6 mA
STD
0.98
4.61
0.19
1.12
1.61
0.67
4.69
4.41
2.72
3.07
ns
8 mA
STD
0.98
4.61
0.19
1.12
1.61
0.67
4.69
4.41
2.72
3.07
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-57 • 1.8 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.98
3.30
0.19
1.12
1.61
0.67
3.34
3.21
2.19
1.93
ns
4 mA
STD
0.98
2.76
0.19
1.12
1.61
0.67
2.79
2.51
2.50
2.76
ns
6 mA
STD
0.98
2.45
0.19
1.12
1.61
0.67
2.48
2.16
2.71
3.16
ns
8 mA
STD
0.98
2.45
0.19
1.12
1.61
0.67
2.48
2.16
2.71
3.16
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com